Electronic Components Datasheet Search
  English  ▼

X  

LTC3428 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3428
Description  4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3428 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3428 Datasheet HTML 4Page - Linear Technology LTC3428 Datasheet HTML 5Page - Linear Technology LTC3428 Datasheet HTML 6Page - Linear Technology LTC3428 Datasheet HTML 7Page - Linear Technology LTC3428 Datasheet HTML 8Page - Linear Technology LTC3428 Datasheet HTML 9Page - Linear Technology LTC3428 Datasheet HTML 10Page - Linear Technology LTC3428 Datasheet HTML 11Page - Linear Technology LTC3428 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC3428
9
3428f
Figure 3.
1.243V
FB
R1
R2
VC
VOUT
RZ
CC1
CC2
3428 F03
5pF
This zero causes a gain increase with phase lag. With
heavy loads, this can occur at a relatively low frequency.
For this reason, loop gain is typically rolled off below the
RHP zero frequency.
A typical error amp compensation is shown in Figure 3 and
in the Typical Application section.
The equations for the loop dynamics are as follow:
f
eC
f
RC
f
RC
pF
POLE
C
ZERO
ZC
ZERO
ZC
1
1
1
1
2
2
1
2
400 6
1
2
1
25
≈
≈
≈
+
••
•
••
•
••
• (
)
π
π
π
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com