Electronic Components Datasheet Search
  English  ▼

X  

PE6140 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6140
Description  10 Watt RF Load Up to 18 GHz With TNC Female Input Black Anodized Aluminum Heatsink
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6140 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6140 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6140 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6140 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• DC to 18 GHz Frequency Range
• VSWR 1.4:1 Max
• Max Power 10 Watt (CW)
• TNC Female Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6140 is an RF termination (also called RF load or dummy load) that operates from DC to 18 GHz and handles
up to 10 Watt (CW). Our TNC termination / load has a female gender. PE6140 TNC load termination offers 1.4:1 max VSWR.
This Pasternack 10W TNC terminator has a heatsink body which is designed to provide adequate heat dissipation within its
full frequency of operation.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
VSWR
1.4:1
Input Power (CW)
10
Watts
derated linearly to 2W at +125°C
Input Power (Peak)
500
Watts
5µs pulse, 0.05% duty cycle
.
Mechanical Specifications
Size
Length
1.81 in [45.97 mm]
Width
1 in [25.4 mm]
.
Weight
0.071 lbs [32.21 g]
.
PE6140
PE6140 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 Watt RF Load Up to 18 GHz With TNC Female Input Black Anodized Aluminum Heatsink
PE6140
RF Terminations Technical Data Sheet
10 Watt RF Load Up to 18 GHz With TNC Female Input
Black Anodized Aluminum Heatsink


Similar Part No. - PE6140

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6140 PASTERNACK-PE6140 Datasheet
260Kb / 3P
50 Ohm 10 Watts Aluminum Heatsink TNC Female RF Load Up To 18 GHz
More results

Similar Description - PE6140

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6095 PASTERNACK-PE6095_16 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With SMA Male Input Black Anodized Aluminum Heatsink
PE6096 PASTERNACK-PE6096_16 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With SMA Female Input Black Anodized Aluminum Heatsink
PE6097 PASTERNACK-PE6097_16 Datasheet
427Kb / 3P
5 Watt RF Load Up to 18 GHz With N Male Input Black Anodized Aluminum Heatsink
PE6098 PASTERNACK-PE6098_16 Datasheet
424Kb / 3P
5 Watt RF Load Up to 18 GHz With N Female Input Black Anodized Aluminum Heatsink
PE6099 PASTERNACK-PE6099_16 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With TNC Male Input Black Anodized Aluminum Heatsink
PE6102 PASTERNACK-PE6102_17 Datasheet
356Kb / 3P
10 Watt RF Load Up to 18 GHz With N Female Input Black Anodized Aluminum Heatsink
PE6103 PASTERNACK-PE6103_16 Datasheet
425Kb / 3P
10 Watt RF Load Up to 18 GHz With SMA Female Input Black Anodized Aluminum Heatsink
PE6104 PASTERNACK-PE6104_16 Datasheet
429Kb / 4P
10 Watt RF Load Up to 18 GHz With TNC Male Input Black Anodized Aluminum Heatsink
PE6106 PASTERNACK-PE6106_16 Datasheet
436Kb / 4P
25 Watt RF Load Up to 18 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink
PE6138 PASTERNACK-PE6138_16 Datasheet
426Kb / 3P
5 Watt RF Load Up to 18 GHz With TNC Female Input Black Anodized Aluminum Heatsink
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com