Electronic Components Datasheet Search
  English  ▼

X  

PE6150 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6150
Description  1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6150 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6150 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6150 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6150 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Connector 1 Contact
Beryllium Copper
Gold
Insulation
PTFE
Body
Brass
Gold
Coupling Nut
Brass
Gold
Housing
Brass
Gold
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass PE6150
URL: http://www.pasternack.com/1-watts-sma-male-rf-load-up-to-4-ghz-precision-pe6150-p.aspx
PE6150
PE6150 REV 1.1
RF Terminations Technical Data Sheet
1 Watt RF Load Up to 4 GHz With SMA
Male Input Gold Plated Brass



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com