Electronic Components Datasheet Search
  English  ▼

X  

PE6151 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6151
Description  1 Watt RF Load Up to 8 GHz With SMA Male Input Gold Plated Brass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6151 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6151 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6151 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6151 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• DC to 8 GHz Frequency Range
• VSWR 1.15:1 Max
• Max Power 1 Watt (CW)
• SMA Male Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6151 is an RF termination (also called RF load or dummy load) that operates from DC to 8 GHz and handles
up to 1 Watt (CW). Our SMA termination / load has a male gender. PE6151 SMA load termination offers 1.15:1 max VSWR.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
8
GHz
Impedance
50
Ohms
VSWR
1.15:1
Input Power (CW)
1
Watts
.
Mechanical Specifications
Size
Length
0.815 in [20.7 mm]
Width
0.315 in [8 mm]
.
Weight
0.006 lbs [2.72 g]
.
Configuration
Connector
SMA Male
Hex Size
5/16 inch
Mating Torque
5 in-lbs [0.57 Nm]
PE6151
PE6151 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1 Watt RF Load Up to 8 GHz With SMA Male Input Gold Plated Brass PE6151
RF Terminations Technical Data Sheet
1 Watt RF Load Up to 8 GHz With SMA
Male Input Gold Plated Brass


Similar Part No. - PE6151

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6151 PASTERNACK-PE6151 Datasheet
203Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 8 GHz
More results

Similar Description - PE6151

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6150 PASTERNACK-PE6150_16 Datasheet
417Kb / 3P
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
PE6156 PASTERNACK-PE6156_16 Datasheet
419Kb / 3P
2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass
PE6160 PASTERNACK-PE6160_16 Datasheet
440Kb / 4P
1 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Brass
PE6161 PASTERNACK-PE6161_16 Datasheet
436Kb / 4P
1 Watt RF Load Up to 18 GHz with SMP Male Limited Detent Gold over Nickel Plated Brass
PE6164 PASTERNACK-PE6164_16 Datasheet
423Kb / 4P
1 Watt RF Load Up to 12.4 GHz With QMA Male Input Nickel Plated Brass
PE6199 PASTERNACK-PE6199_16 Datasheet
419Kb / 3P
1 Watt RF Load Up to 6 GHz With MMCX Male Input Gold Plated Brass
PE6241 PASTERNACK-PE6241_16 Datasheet
422Kb / 4P
1 Watt RF Load Up to 6 GHz With Reverse Polarity SMA Male Input Tri-Metal Plated Brass
PE6243 PASTERNACK-PE6243_16 Datasheet
429Kb / 3P
1 Watt RF Load Up to 10 GHz With SSMC Plug Input Gold Plated Brass
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com