Electronic Components Datasheet Search
  English  ▼

X  

OM4002ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM4002ST
Description  15 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM4002ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM4002ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM4002ST Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 5
3.2
4 11 R2
Supersedes 1 07 R1
15 AMP SCHOTTKY RECTIFIER IN SMALL
HERMETIC PACKAGE
FEATURES
• Small Size
• Very Low Forward Voltage
• Very Fast Switching Time
• Hermetic Metal Package
• Low Thermal Resistance
• Isolated Package
• 45V And 60V Reverse Voltage
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This product is specifically designed high density, high power applications where
small size, light weight and high reliability are required. This product combines the
latest Schottky semi-conductor technology mounted in an easy-to-use small hermetic
isolated metal package. These devices are ideally suited for demanding high
frequency applications such as switching power supplies and motor controls.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Peak Inverse Voltage . . . . . . . . . . . . . . . . . .OM4001ST = 45V/OM4002ST = 60 V
Maximum Average D.C. Output Current @ T
C = 100° C . . . . . . . . . . . . . . . . . . . 15 A
Peak Surge Current (Non-repetitive, 8.3mS) . . . . . . . . . . . . . . . . . . . . . . . . 150 A
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to 175°C
Junction Operating Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . -55°C to 150°C
Package Thermal Resistance, Junction to Case . . . . . . . . . . . . . . . . . . . . . . 2.0°C/W
15 Amp, 45 and 60 Volt Schottky Rectifier
CATHODE
ANODE
PIN CONNECTION
OM4001ST
OM4002ST


Similar Part No. - OM4002ST

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM4001ST IRF-OM4001ST Datasheet
32Kb / 2P
Available Screened To MIL-S-19500, TX, TXV And S Levels
OM4001ST IRF-OM4001ST_15 Datasheet
32Kb / 2P
Available Screened To MIL-S-19500, TX, TXV And S Levels
logo
List of Unclassifed Man...
OM4003 ETC-OM4003 Datasheet
15Kb / 2P
10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
OM4003ST ETC-OM4003ST Datasheet
15Kb / 2P
10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
OM4003ST ETC2-OM4003ST Datasheet
22Kb / 2P
10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
More results

Similar Description - OM4002ST

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826 Datasheet
127Kb / 2P
15 Amp Schottky Rectifier
logo
List of Unclassifed Man...
OM4003 ETC-OM4003 Datasheet
15Kb / 2P
10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
logo
International Rectifier
OM5001ST IRF-OM5001ST Datasheet
34Kb / 2P
15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE
logo
Sensitron
SHD116236 SENSITRON-SHD116236 Datasheet
157Kb / 3P
200 VOLT, 15 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC SHD-1/B PACKAGE.
SHD124411 SENSITRON-SHD124411 Datasheet
75Kb / 3P
30 VOLT, 45/30 AMP, SCHOTTKY RECTIFIER IN A HERMETIC TO-258 PACKAGE.
logo
International Rectifier
MBRB1535CT IRF-MBRB1535CT Datasheet
34Kb / 3P
SCHOTTKY RECTIFIER 15 Amp
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826_07 Datasheet
133Kb / 2P
15 Amp schottky Rectifier
logo
List of Unclassifed Man...
OM4003ST ETC2-OM4003ST Datasheet
22Kb / 2P
10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
logo
Digitron Semiconductors
1N5826 DIGITRON-1N5826 Datasheet
172Kb / 2P
15 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
OM7642SM IRF-OM7642SM_15 Datasheet
33Kb / 4P
Small Hermetic Surface Mount Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com