Electronic Components Datasheet Search
  English  ▼

X  

DMN60H080DS-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN60H080DS-7
Description  N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN60H080DS-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN60H080DS-7 Datasheet HTML 1Page - Diodes Incorporated DMN60H080DS-7 Datasheet HTML 2Page - Diodes Incorporated DMN60H080DS-7 Datasheet HTML 3Page - Diodes Incorporated DMN60H080DS-7 Datasheet HTML 4Page - Diodes Incorporated DMN60H080DS-7 Datasheet HTML 5Page - Diodes Incorporated DMN60H080DS-7 Datasheet HTML 6Page - Diodes Incorporated DMN60H080DS-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN60H080DS
Document number: DS39475 Rev. 3 - 2
2 of 7
www.diodes.com
May 2017
© Diodes Incorporated
DMN60H080DS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
70
56
mA
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
80
70
mA
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
40
32
mA
Continuous Drain Current (Note 6) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
50
40
mA
Pulsed Drain Current @ TSP = +25°C (Note 7)
IDM
0.2
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation, @TA = +25°C (Note 5)
PD
0.70
W
Thermal Resistance, Junction to Ambient @ TA = +25°C (Note 5)
RθJA
174
°C/W
Power Dissipation, @TA = +25°C (Note 6)
PD
1.10
W
Thermal Resistance, Junction to Ambient @ TA = +25°C (Note 6)
RθJA
99
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
600
—
—
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1
µA
VDS = 600V, VGS = 0V
Gate-Body Leakage
IGSS
—
—
±10
µA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1.5
—
3.0
V
VDS = VGS, ID = 250µA
1.5
—
2.6
V
VDS = VGS, ID = 8µA
Static Drain-Source On-Resistance
RDS(ON)
—
67
100
Ω
VGS = 10V, ID = 60mA
—
95
290
VGS = 4.5V, ID = 60mA
Forward Transfer Admittance
|Yfs|
—
76
—
ms
VDS = 10V, ID = 60mA
Diode Forward Voltage
VSD
—
—
1.5
V
VGS = 0V, IS = 50mA
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
25
—
pF
VDS = 25V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
—
5.2
—
Reverse Transfer Capacitance
Crss
—
1.4
—
Total Gate Charge
Qg
—
1.7
—
nC
VGS = 10V, VDD = 300V,
ID = 0.01A
Gate-Source Charge
Qgs
—
0.3
—
Gate-Drain Charge
Qgd
—
0.9
—
Turn-On Delay Time
tD(ON)
—
7
—
ns
VDD = 300V, VGS = 10V,
RGEN = 3.3Ω,
ID = 60mA
Turn-On Rise Time
tR
—
10
—
ns
Turn-Off Delay Time
tD(OFF)
—
21
—
ns
Turn-Off Fall Time
tF
—
158
—
ns
Reverse Recovery Time
tRR
—
189.1
—
ns
VR =300V, IF =0.06A,
di/dt = 100A/µs
Reverse Recovery Charge
QRR
—
32
—
nC
Notes:
5. Device mounted on FR-4 PCB with minimum recommended pad layout, single sided.
6
. Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
7. Repetitive rating, pulse width limited by junction temperature, 10µs pulse, duty cycle = 1%.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com