Electronic Components Datasheet Search
  English  ▼

X  

PE6172 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6172
Description  2 Watt RF Load Up to 6 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6172 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6172 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6172 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6172 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6172 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• DC to 6 GHz Frequency Range
• VSWR 1.2:1 Max
• Max Power 2 Watt (CW)
• TNC Male Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6172 is an RF termination (also called RF load or dummy load) that operates from DC to 6 GHz and handles
up to 2 Watt (CW). Our TNC termination / load has a male gender. PE6172 TNC load termination offers 1.2:1 max VSWR.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
Impedance
50
Ohms
VSWR
1.2:1
Input Power (CW)
2
Watts
derated linearly to 1W at +125°C
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 1
1 to 2.5
2.5 to 6
GHz
VSWR, Max
1.1:1
1.15:1
1.2:1
.
Mechanical Specifications
Size
Length
1.1 in [27.94 mm]
Width
0.63 in [16 mm]
.
PE6172
PE6172 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt RF Load Up to 6 GHz With TNC Male Input Tri-Metal Plated Brass PE6172
RF Terminations Technical Data Sheet
2 Watt RF Load Up to 6 GHz With TNC
Male Input Tri-Metal Plated Brass


Similar Part No. - PE6172

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6173 PASTERNACK-PE6173 Datasheet
353Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Male RF Load Up To 40 GHz
PE6173 PASTERNACK-PE6173 Datasheet
446Kb / 4P
1 Watt RF Load Up to 40 GHz
PE6173 PASTERNACK-PE6173_16 Datasheet
446Kb / 4P
1 Watt RF Load Up to 40 GHz
PE6174 PASTERNACK-PE6174 Datasheet
368Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Male RF Load with Chain Up To 40 GHz
PE6174 PASTERNACK-PE6174 Datasheet
454Kb / 4P
Watt RF Load with Chain Up to 40 GHz
More results

Similar Description - PE6172

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6TR1001 PASTERNACK-PE6TR1001 Datasheet
344Kb / 3P
50 Watt RF Load Up To 6 GHz With SMA Female Input
PE6173 PASTERNACK-PE6173_16 Datasheet
446Kb / 4P
1 Watt RF Load Up to 40 GHz
PE6174 PASTERNACK-PE6174_16 Datasheet
454Kb / 4P
Watt RF Load with Chain Up to 40 GHz
PE6175 PASTERNACK-PE6175_16 Datasheet
446Kb / 4P
1 Watt RF Load Up to 40 GHz
PE6176 PASTERNACK-PE6176_16 Datasheet
446Kb / 4P
2 Watt RF Load Up to 40 GHz
PE6178 PASTERNACK-PE6178_16 Datasheet
440Kb / 4P
1 Watt RF Load Up to 50 GHz
PE6180 PASTERNACK-PE6180_16 Datasheet
438Kb / 4P
2 Watt RF Load Up to 50 GHz
PE6186 PASTERNACK-PE6186_16 Datasheet
436Kb / 4P
5 Watt RF Load Up to 6 GHz With N Male Input Aluminum
PE6248 PASTERNACK-PE6248_16 Datasheet
350Kb / 4P
2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com