Electronic Components Datasheet Search
  English  ▼

X  

PE6175 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6175
Description  1 Watt RF Load Up to 40 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6175 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6175 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6175 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6175 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6175 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• DC to 40 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 1 Watt (CW)
• 2.92mm Female Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6175 is an RF termination (also called RF load or dummy load) that operates from DC to 40 GHz and handles
up to 1 Watt (CW). Our 2.92mm termination / load has a female gender. PE6175 2.92mm load termination offers 1.25:1 max
VSWR.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By terminating an unused
port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watts (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
Impedance
50
Ohms
VSWR
1.25:1
Input Power (CW)
1
Watts
derated linearly to 0.1W at +125°C
.
Mechanical Specifications
Size
Length
0.61 in [15.49 mm]
Width
0.315 in [8 mm]
.
Weight
0.013 lbs [5.9 g]
.
Configuration
Connector
2.92mm Female
Connector Specification
MIL-STD-348
Durability
500 Cycles
PE6175
PE6175 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1 Watt RF Load Up to 40 GHz with 2.92mm Female Passivated Stainless Steel PE6175
RF Terminations Technical Data Sheet
1 Watt RF Load Up to 40 GHz with 2.92mm
Female Passivated Stainless Steel


Similar Part No. - PE6175

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6175 PASTERNACK-PE6175 Datasheet
357Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Female RF Load Up To 40 GHz
More results

Similar Description - PE6175

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6173 PASTERNACK-PE6173 Datasheet
353Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Male RF Load Up To 40 GHz
PE6175 PASTERNACK-PE6175 Datasheet
357Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Female RF Load Up To 40 GHz
PE6172 PASTERNACK-PE6172 Datasheet
424Kb / 4P
2 Watt RF Load Up to 6 GHz
PE6173 PASTERNACK-PE6173_16 Datasheet
446Kb / 4P
1 Watt RF Load Up to 40 GHz
PE6174 PASTERNACK-PE6174_16 Datasheet
454Kb / 4P
Watt RF Load with Chain Up to 40 GHz
PE6176 PASTERNACK-PE6176_16 Datasheet
446Kb / 4P
2 Watt RF Load Up to 40 GHz
PE6178 PASTERNACK-PE6178_16 Datasheet
440Kb / 4P
1 Watt RF Load Up to 50 GHz
PE6179 PASTERNACK-PE6179_16 Datasheet
443Kb / 4P
1 Watt RF Load with Chain Up to 50 GHz
PE6180 PASTERNACK-PE6180_16 Datasheet
438Kb / 4P
2 Watt RF Load Up to 50 GHz
PE6TR1038 PASTERNACK-PE6TR1038 Datasheet
531Kb / 4P
1 Watt RF Load Up to 4 GHz with QN Male
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com