Electronic Components Datasheet Search
  English  ▼

X  

PE6176 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6176
Description  2 Watt RF Load Up to 40 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6176 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6176 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6176 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6176 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6176 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Configuration
Connector
2.92mm Male
Connector Specification
MIL-STD-348
Hex Size
5/16 inch
Mating Torque
8 in-lbs [0.90 Nm]
Durability
500 Cycles
Material Specifications
Description
Material
Plating
Connector 1 Contact
Beryllium Copper
Gold
M
IL-PRF-39012
Body
Passivated Stainless Steel
Coupling Nut
Passivated Stainless Steel
Housing
Passivated Stainless Steel
.
Mechanical Specification Notes:
Dielectric material: high temperature plastic bead.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
PE6176
PE6176 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt RF Load Up to 40 GHz with 2.92mm Male Passivated Stainless Steel PE6176
RF Terminations Technical Data Sheet
2 Watt RF Load Up to 40 GHz with 2.92mm
Male Passivated Stainless Steel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com