Electronic Components Datasheet Search
  English  ▼

X  

PE6180 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE6180
Description  2 Watt RF Load Up to 50 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6180 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE6180 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6180 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6180 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6180 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Typical Performance Data
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
30
35
40
45
50
dB
Freq.(GHz)
Return Loss
2 Watt RF Load Up to 50 GHz With 2.4mm Female Input Passivated Stainless Steel from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt RF Load Up to 50 GHz With 2.4mm Female Input Passivated Stainless Steel PE6180
URL: http://www.pasternack.com/1-watts-2.4mm-female-rf-load-up-to-50-ghz-precision-pe6180-p.aspx
PE6180
PE6180 REV 1.1
RF Terminations Technical Data Sheet
2 Watt RF Load Up to 50 GHz With 2.4mm
Female Input Passivated Stainless Steel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com