Electronic Components Datasheet Search
  English  ▼

X  

PE6182 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6182
Description  Mini SMP Female Input Gold Plated Beryllium Copper
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6182 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6182 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6182 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6182 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Connector 1 Contact
Beryllium Copper
Gold
M
IL-G-45204, Type 1, Grade C, Class 1
Insulation
PTFE
Body
Beryllium Copper
Gold
MIL-G-45204, Type 1, Grade C, Class 1
Housing
Beryllium Copper
Gold
MIL-G-45204, Type 1, Grade C, Class 1
.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
0.25 Watt RF Load Up to 40 GHz With Mini SMP Female Input Gold Plated Beryllium Copper from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.25 Watt RF Load Up to 40 GHz With Mini SMP Female Input Gold Plated Beryllium Copper
PE6182
URL:
http://www.pasternack.com/0.25-watts-mini-smp-female-rf-load-up-to-40-ghz-pe6182-p.aspx
PE6182
PE6182 REV 1.1
RF Terminations Technical Data Sheet
0.25 Watt RF Load Up to 40 GHz With Mini SMP
Female Input Gold Plated Beryllium Copper



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com