Electronic Components Datasheet Search
  English  ▼

X  

VCF4-1000 Datasheet(PDF) 3 Page - Tyco Electronics

Part # VCF4-1000
Description  40 Amp Relay With PC Board or Quick Connect Terminals for Automotive Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VCF4-1000 Datasheet(HTML) 3 Page - Tyco Electronics

  VCF4-1000 Datasheet HTML 1Page - Tyco Electronics VCF4-1000 Datasheet HTML 2Page - Tyco Electronics VCF4-1000 Datasheet HTML 3Page - Tyco Electronics VCF4-1000 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1019
TYCO ELECTRONICS
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
1019
1 Form A
1 Form C
86
30
85
87
86
30
87a
87
85
RESISTOR
IF USED
RESISTOR
IF USED
.236
± .015
(6.0
± 0.4)
.622
± .024
(15.8
± 0.61)
1.10 MAX.
(28.0)
.453 MAX.
(11.5)
.250
(6.3)
.866
± .020
(22.0
± 0.5)
ø.213
± .004
(5.4
± 0.1)
.032
±.001
(0.81
± 0.03)
1.004 MAX.
(25.5)
1.10 MAX.
(28.0)
.170
± .008
(4.32
± 0.2)
.079
± .008
(2.0
± 0.2)
ø .209
(5.3)
1.10 MAX.
(28.0)
.59
(15.0)
.236
(6.0)
.638
(16.2)
1.004 MAX.
(25.5)
.453 MAX.
(11.5)
.250
(6.3)
.197
(5.0)
1.10 MAX.
(28.0)
.250
(6.3)
.661
(16.8)
.122
(3.1)
.315
(8.0)
.331
(8.4)
.705
(17.9)
86
30
85
87
.732
(18.6)
.355
(9.0)
.886
(22.5)
1.516 MAX.
(38.0)
.252
(6.4)
.453 MAX.
(11.5)
.167
(4.25)
.250 TYP.
(6.3)
.984 MAX.
(25.0)
.482
(12.25)
.16 MAX.
(4.1)
1.26 MAX.
(32.0)
.157
(4.0)
.285
(7.25)
1.26 MAX.
(32.0)
.705
(17.9)
.315
(8.0)
.661
(16.8)
.177
(4.5)
.331
(8.4)
87A
Single Pin
.098
(2.50)
.126
(3.2)
TIN PLATED
Clinchable Power
.098
(2.50)
TERMINALS
#30, 87, & 87a
.331
(8.4)
.102
(2.6)
.055
(1.4)
.315
(8.0)
.331
(8.4)
.705
(17.9)
.661
(16.8)
.331
(8.4)
.102
(2.6)
.055
(1.4)
.315
(8.0)
.331
(8.4)
.803
(20.4)
.661
(16.8)
.197
(5.0)
.055
(1.4)
.098
(2.5)
.071
(1.8)
VF4-XXX13
VF4-XXX12
Outline Dimensions
Dust Cover With Quick Connect Terminals
VF4-1_ _ (Without Bracket) & VF4-4_ _ (With Bracket)
Plastic Bracket Cover With Quick Connect Terminals
VF4-8_ _ _ _
Shrouded Dust Cover With Quick Connect Terminals
VF4-2_ _ (Without Bracket) & VF4-5_ _(With Bracket)
Weatherproof Cover With Quick Connect Terminals
VF4-3_ _ (Without Bracket) & VF4-6_ _(With Bracket)
Suggested PC Board Layouts (Bottom Views)
Wiring Diagrams (Bottom Views)
.728
± .010
(18.5
± 0.25)
.453 MAX.
(11.5)
.26
(6.6)
.354
(9.0)
.245
(6.3)
1.42 MAX.
(36.1)
87 86
30
85 87a
.653
± .066
(16.6
± 0.15)
1.77
± .019
(45.0
± 0.5)
.775
± .006
(19.7
± 0.15)
.295
±.018
(7.5
± 0.45)
.276 REF.
(7.0)
.453
± .006
(11.50
±0.15)
.165
± .006
(4.20
± 0.15)
.331
(8.4)
.472
± .015
(12.0
± 0.38)
.66
(16.8)
.705
(17.9)
.354
(8.0)
1.42 MAX.
(36.1)
Printed Circuit Board Terminals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com