Electronic Components Datasheet Search
  English  ▼

X  

THS4211 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # THS4211
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4211 Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS4211 Datasheet HTML 29Page - Texas Instruments THS4211 Datasheet HTML 30Page - Texas Instruments THS4211 Datasheet HTML 31Page - Texas Instruments THS4211 Datasheet HTML 32Page - Texas Instruments THS4211 Datasheet HTML 33Page - Texas Instruments THS4211 Datasheet HTML 34Page - Texas Instruments THS4211 Datasheet HTML 35Page - Texas Instruments THS4211 Datasheet HTML 36Page - Texas Instruments THS4211 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
www.ti.com
DRB (S-PDSO-N8)
THERMAL INFORMATION
THERMAL PAD MECHANICAL DATA
Exposed Thermal Pad Dimensions
QFND058
NOTE: All linear dimensions are in millimeters
Bottom View
14
85
4x0,23
2x0,65
4x0,625
NOM
Exposed Thermal Pad
This package incorporates an exposed thermal pad that is designed to be attached directly to an external
heatsink. The thermal pad must be soldered directly to the printed circuit board (PCB). After soldering, the PCB
can be used as a heatsink. In addition, through the use of thermal vias, the thermal pad can be attached directly
to a ground plane or special heatsink structure designed into the PCB. This design optimizes the heat transfer
from the integrated circuit (IC).
For additional information on the Quad Flatpack No-Lead (QFN) package and how to take advantage of its heat
dissipating abilities, refer to Application Report, Quad Flatpack No-Lead Logic Packages, Texas Instruments
Literature No. SCBA017 and Application Report, 56-Pin Quad Flatpack No-Lead Logic Package, Texas
Instruments Literature No. SCEA032. Both documents are available at www.ti.com.
The exposed thermal pad dimensions for this package are shown in the following illustration.
+0,10
0,15
1,50
+0,10
0,15
1,75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com