Electronic Components Datasheet Search
  English  ▼

X  

TPS60310 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60310
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60310 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS60310 Datasheet HTML 11Page - Texas Instruments TPS60310 Datasheet HTML 12Page - Texas Instruments TPS60310 Datasheet HTML 13Page - Texas Instruments TPS60310 Datasheet HTML 14Page - Texas Instruments TPS60310 Datasheet HTML 15Page - Texas Instruments TPS60310 Datasheet HTML 16Page - Texas Instruments TPS60310 Datasheet HTML 17Page - Texas Instruments TPS60310 Datasheet HTML 18Page - Texas Instruments TPS60310 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
capacitor selection (continued)
OUT1
5
+
C(OUT1)
1
µF
OUT2
6
+
C(OUT2)
1
µF
OUTPUT
3.3 V, 20 mA
R1
10
PG
VIN
3
CIN
1
µF
INPUT
0.9 V to 1.8 V
1
SNOOZE
GND
9
TPS60310
PG
7
8
C2F
1
µF
C2+
C2–
C1+
C1–
C1F
1
µF
4
2
+
Figure 22. Typical Operating Circuit
For the maximum output current and best performance, five ceramic capacitors of 1
µF are recommended. For
lower currents or higher allowed output voltage ripple, other capacitors can be used. It is recommended that the
input and output capacitors have a minimum value of 1
µF. This value is necessary to assure a stable operation
of the system due to the linear mode. With flying capacitors lower than 1
µF, the maximum output power
decreases. This means that the device works in the linear mode with lower output currents.
output filter design
The power-good output is capable of driving light loads up to 5 mA (see Figure 23). Therefore, the output
resistance of the power-good pin with the output capacitor, can be used as an RC-filter.
_
+
Charge Pumps,
Logic
and Control
C1F
C1+
C1–
_
+
Vref
C2+
C2–
C2F
OUT2
C(OUT2)
OUT1
C(OUT1)
PG
CPG
R(PG1)
R(PG0)
GND
VIN
SNOOZE
Figure 23. TPS60312, TPS60313 Push-Pull Power-Good Output-Stage as Filtered Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com