Electronic Components Datasheet Search
  English  ▼

X  

AE5-EW Datasheet(PDF) 4 Page - CUI INC

Part # AE5-EW
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AE5-EW Datasheet(HTML) 4 Page - CUI INC

  AE5-EW Datasheet HTML 1Page - CUI INC AE5-EW Datasheet HTML 2Page - CUI INC AE5-EW Datasheet HTML 3Page - CUI INC AE5-EW Datasheet HTML 4Page - CUI INC AE5-EW Datasheet HTML 5Page - CUI INC AE5-EW Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 09/13/2017
│ page 4 of 6
CUI Inc
│ SERIES: AE5-EW │ DESCRIPTION: DC-DC CONVERTER
DERATING CURVES
Ambient Temperature (°C)
0
-40
60
100
40
80
20
0
-30
30
50
70
Ambient Temperature (°C)
0
-40
60
100
40
80
20
0
-30
30
50
70
Temperature Derating Curve
(100~150 Vdc input voltage)
Temperature Derating Curve
(150~1000 Vdc input voltage)
200
Input Voltage (Vdc)
100
60
100
40
1000
80
20
0
70
Load vs. Input Voltage Derating Curve
(at 25°C)
EFFICIENCY CURVES
100 200 300
400 500 600
700 800
900 1000
72
70
68
66
64
62
Input Voltage (Vdc)
60
74
76
78
10
20
30
40
50
60
70
80
90
100
70
65
60
55
50
45
Load Current (%)
40
75
80
Efficiency Curve
Efficiency vs. Input Voltage
Efficiency Curve
Efficiency vs. Load Current
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com