Electronic Components Datasheet Search
  English  ▼

X  

GWJCLPS2.EM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWJCLPS2.EM
Description  Indoor General Lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJCLPS2.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWJCLPS2.EM Datasheet HTML 1Page - OSRAM GmbH GWJCLPS2.EM Datasheet HTML 2Page - OSRAM GmbH GWJCLPS2.EM Datasheet HTML 3Page - OSRAM GmbH GWJCLPS2.EM Datasheet HTML 4Page - OSRAM GmbH GWJCLPS2.EM Datasheet HTML 5Page - OSRAM GmbH GWJCLPS2.EM Datasheet HTML 6Page - OSRAM GmbH GWJCLPS2.EM Datasheet HTML 7Page - OSRAM GmbH GWJCLPS2.EM Datasheet HTML 8Page - OSRAM GmbH GWJCLPS2.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2016-06-09
1
2016-06-09
DURIS
® E 3
Datasheet
Version 1.1
GW JCLPS2.EM
The DURIS
® E 3 combines high efficacy and a wide
beam angle into a compact format (3.0 mm x 1.4 mm).
This is key to homogeneous illumination applications
where the DURIS® E 3 never fails to impress with its
performance on system level.
Die DURIS
® E 3 kombiniert hohe Effizienz und einen
weiten Abstrahlwinkel in einer kompakten Bauform
(3,0 mm x 1,4 mm). Speziell für Anwendungen mit
besonders homogener Lichtverteilung kann die
DURIS® E 3 mit ihrer Leistung auf Systemebene
überzeugen.
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
CRI: min. 80
•
CRI: min. 80
•
Luminous Flux: typ. 30 lm @ 5000 K
•
Lichtstrom: typ. 30 lm @ 5000 K
•
Luminous efficacy: typ. 153 lm/W @ 5000 K
•
Lichtausbeute: typ. 153 lm/W @ 5000 K
Applications
Anwendungen
•
Indoor General Lighting
•
Innen-Allgemeinbeleuchtung
•
Task lights
•
Schreibtischleuchten
•
Retrofits and fixtures
•
Retrofits
•
Linear lights
•
Linearbeleuchtung
•
Color: 2700 K - 6500 K (warm, neutral and cool
white)
•
Farbe: 2700 K - 6500 K (warm, neutral and cool
white)


Similar Part No. - GWJCLPS2.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
GWJCLPS2.CM-GSGU-A636-1 OSRAM-GWJCLPS2.CM-GSGU-A636-1 Datasheet
2Mb / 24P
DURIS E 3
GWJCLPS2.CM-GSGU-A737-1 OSRAM-GWJCLPS2.CM-GSGU-A737-1 Datasheet
2Mb / 24P
DURIS E 3
GWJCLPS2.CM-GSGU-A838-1 OSRAM-GWJCLPS2.CM-GSGU-A838-1 Datasheet
2Mb / 24P
DURIS E 3
GWJCLPS2.CM-GSGU-XX56-1 OSRAM-GWJCLPS2.CM-GSGU-XX56-1 Datasheet
2Mb / 24P
DURIS E 3
More results

Similar Description - GWJCLPS2.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAGHB1.EM OSRAM-GWKAGHB1.EM Datasheet
704Kb / 18P
Indoor General Lighting
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
Indoor General Lighting
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
Indoor General Lighting
GWKAHNB1.CM OSRAM-GWKAHNB1.CM Datasheet
817Kb / 19P
Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com