Electronic Components Datasheet Search
  English  ▼

X  

IRLR7807Z Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR7807Z
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR7807Z Datasheet(HTML) 1 Page - International Rectifier

  IRLR7807Z Datasheet HTML 1Page - International Rectifier IRLR7807Z Datasheet HTML 2Page - International Rectifier IRLR7807Z Datasheet HTML 3Page - International Rectifier IRLR7807Z Datasheet HTML 4Page - International Rectifier IRLR7807Z Datasheet HTML 5Page - International Rectifier IRLR7807Z Datasheet HTML 6Page - International Rectifier IRLR7807Z Datasheet HTML 7Page - International Rectifier IRLR7807Z Datasheet HTML 8Page - International Rectifier IRLR7807Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
4/7/03
IRLR7807Z
IRLU7807Z
HEXFET® Power MOSFET
Notes
through
are on page 11
Applications
Benefits
Very Low RDS(on) at 4.5V VGS
Ultra-Low Gate Impedance
Fully Characterized Avalanche Voltage
and Current
High Frequency Synchronous Buck
Converters for Computer Processor Power
D-Pak
IRLR7807Z
I-Pak
IRLU7807Z
PD - 94662
VDSS RDS(on) max Qg (typ.)
30V
13.8m
Ω
7.0nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
PD @TC = 25°C
Maximum Power Dissipation
W
PD @TC = 100°C Maximum Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.75
RθJA
Junction-to-Ambient (PCB Mount)
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
40
Max.
43
30
170
± 20
30
0.27
20
300 (1.6mm from case)
-55 to + 175


Similar Part No. - IRLR7807Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLR7807Z ISC-IRLR7807Z Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRLR7807ZCPBF IRF-IRLR7807ZCPBF Datasheet
294Kb / 11P
HEXFET Power MOSFET
IRLR7807ZPBF IRF-IRLR7807ZPBF Datasheet
264Kb / 11P
HEXFET Power MOSFET
IRLR7807ZPBF IRF-IRLR7807ZPBF Datasheet
273Kb / 12P
Ultra-Low Gate Impedance
IRLR7807ZPBF IRF-IRLR7807ZPBF_15 Datasheet
273Kb / 12P
Ultra-Low Gate Impedance
More results

Similar Description - IRLR7807Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com