Electronic Components Datasheet Search
  English  ▼

X  

AD1674AD Datasheet(PDF) 3 Page - Analog Devices

Part # AD1674AD
Description  12-Bit 100 kSPS A/D Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1674AD Datasheet(HTML) 3 Page - Analog Devices

  AD1674AD Datasheet HTML 1Page - Analog Devices AD1674AD Datasheet HTML 2Page - Analog Devices AD1674AD Datasheet HTML 3Page - Analog Devices AD1674AD Datasheet HTML 4Page - Analog Devices AD1674AD Datasheet HTML 5Page - Analog Devices AD1674AD Datasheet HTML 6Page - Analog Devices AD1674AD Datasheet HTML 7Page - Analog Devices AD1674AD Datasheet HTML 8Page - Analog Devices AD1674AD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AD1674–SPECIFICATIONS
DC SPECIFICATIONS
AD1674J
AD1674K
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
INTEGRAL NONLINEARITY (INL)
±1
±1/2
LSB
DIFFERENTIAL NONLINEARITY (DNL)
(No Missing Codes)
12
12
Bits
UNIPOLAR OFFSET
1 @ +25
°C
±3
±2
LSB
BIPOLAR OFFSET
1 @ +25
°C
±6
±4
LSB
FULL-SCALE ERROR
1, 2 @ +25
°C
(with Fixed 50
Ω Resistor from REF OUT to REF IN)
0.1
0.25
0.1
0.25
% of FSR
TEMPERATURE RANGE
0
+70
0
+70
°C
TEMPERATURE DRIFT
3
Unipolar Offset
2
±2
±1
LSB
Bipolar Offset
2
±2
±1
LSB
Full-Scale Error
2
±6
±3
LSB
POWER SUPPLY REJECTION
VCC = 15 V
± 1.5 V or 12 V ± 0.6 V
±2
±1
LSB
VLOGIC = 5 V ± 0.5 V
±1/2
±1/2
LSB
VEE = –15 V ± 1.5 V or –12 V ± 0.6 V
±2
±1
LSB
ANALOG INPUT
Input Ranges
Bipolar
–5
+5
–5
+5
Volts
–10
+10
–10
+10
Volts
Unipolar
0
+10
0
+10
Volts
0
+20
0
+20
Volts
Input Impedance
10 Volt Span
357357
k
Ω
20 Volt Span
6
10
14
6
10
14
k
Ω
POWER SUPPLIES
Operating Voltages
VLOGIC
+4.5
+5.5
+4.5
+5.5
Volts
VCC
+11.4
+16.5
+11.4
+16.5
Volts
VEE
–16.5
–11.4
–16.5
–11.4
Volts
Operating Current
ILOGIC
58
58
mA
ICC
10
14
10
14
mA
IEE
14
18
14
18
mA
POWER DISSIPATION
385
575
385
575
mW
INTERNAL REFERENCE VOLTAGE
9.9
10.0
10.1
9.9
10.0
10.1
Volts
Output Current (Available for External Loads)
4
2.0
2.0
mA
(External Load Should Not Change During Conversion
NOTES
1Adjustable to zero.
2Includes internal voltage reference error.
3Maximum change from 25
°C value to the value at T
MIN or TMAX.
4Reference should be buffered for
± 12 V operation.
All min and max specifications are guaranteed.
Specifications subject to change without notice.
REV. C
–2–
(TMIN to TMAX, VCC = +15 V
10% or +12 V
5%, VLOGIC = +5 V
10%, VEE = –15 V
10% or
–12 V
5% unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com