Electronic Components Datasheet Search
  English  ▼

X  

AD7701AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD7701AR
Description  LC2MOS 16-Bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7701AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7701AR Datasheet HTML 9Page - Analog Devices AD7701AR Datasheet HTML 10Page - Analog Devices AD7701AR Datasheet HTML 11Page - Analog Devices AD7701AR Datasheet HTML 12Page - Analog Devices AD7701AR Datasheet HTML 13Page - Analog Devices AD7701AR Datasheet HTML 14Page - Analog Devices AD7701AR Datasheet HTML 15Page - Analog Devices AD7701AR Datasheet HTML 16Page - Analog Devices AD7701AR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
REV. E
–12–
AD7701
VOLTAGE REFERENCE CONNECTIONS
The voltage applied to the VREF pin defines the analog input
range. The specified reference voltage is 2.5 V, but the AD7701
will operate with reference voltages from 1 V to 3 V with little
degradation in performance.
The reference input presents exactly the same dynamic load as
the analog input, but in the case of the reference input, source
resistance and long settling time introduce gain errors rather
than offset errors. Fortunately, most precision references have
sufficiently low output impedance and wide enough bandwidth
to settle to 10
µV within 62 clock cycles.
AGND
AD7701
+5V
AVDD
VREF
LT1019
Figure 14. Typical External Reference Connections
The digital filter of the AD7701 removes noise from the refer-
ence input, just as it does with noise at the analog input, and the
same limitations apply regarding lack of noise rejection at inte-
ger multiples of the sampling frequency. If reference noise is a
problem, some voltage references offer noise reduction schemes
using an external capacitor. Alternatively, a simple RC filter
may be used, as shown in Figure 15.
+5V
AD580
AGND
AD7701
AVDD
VREF
RF
13k
CF
100pF
Figure 15. Filtered Reference Input
The same considerations apply to this filter as to a filter at the
analog input. In this case:
[RF(CF
+10 pF)]=
62
f CLKIN
× ln
100 mV
×C
IN (CIN
+C
F )
V FSE
where
fCLKIN is the master clock frequency.
VFSE is the maximum desired error in volts.
GROUNDING AND SUPPLY DECOUPLING
AGND is the ground reference voltage for the AD7701 and is
completely independent of DGND. Any noise riding on the
AGND input with respect to the system analog ground will
cause conversion errors. AGND should, therefore, be used as
the system ground and also as the ground for the analog input
and reference voltage.
The analog and digital power supplies to the AD7701 are inde-
pendent and separately pinned out to minimize coupling between
analog and digital sections of the device. The digital filter will
provide rejections of broadband noise on the power supplies,
except at integer multiples of the sampling frequency. Therefore,
the two analog supplies should be decoupled to AGND using
100 nF ceramic capacitors to provide power supply noise rejec-
tions at these frequencies. The two digital supplies should similarly
be decoupled to DGND.
ACCURACY AND AUTOCALIBRATION
Sigma-delta ADCs, like VFCs and other integrating ADCs, do
not contain any source of nonmonotonicity and inherently offer
no-missing-codes performance. The AD7701 achieves excellent
linearity (
±0.0007%) by the use of high quality, on-chip silicon
dioxide capacitors, which have a very low capacitance/voltage
coefficient.
The AD7701 offers two self-calibration modes using the on-chip
calibration microcontroller and SRAM. Table III is a truth table
for the calibration control inputs SC1 and SC2.
In the self-calibration mode, zero scale is calibrated against the
AGND pin and full scale is calibrated against the VREF pin, to
remove internal errors.
Note that in the Bipolar mode the AD7701 calibrates positive
full scale and midscale (bipolar zero).
In the system-calibration mode, the AD7701 calibrates its zero
and full scale to voltages present on the analog input pin in two
sequential steps. This allows system offsets and/or gain errors to
be nulled out.
SYSTEM
REF HI
AIN
SYSTEM
REF LO
ANALOG
MUX
A0
A1
SIGNAL
CONDITIONING
AD7701
SCLK
SDATA
CAL
SC1
SC2
MICRO-
COMPUTER
Figure 16. Typical Connections for System Calibration
A typical system calibration scheme is shown in Figure 16. In
normal operation, the analog signal is fed to the AD7701 via an
analog multiplexer. When the system is to be calibrated, AIN is
first switched to the system REF LO via the multiplexer and
CAL is strobed high, with SC1 and SC2 both high. AIN is then
switched to the system REF HI and CAL is strobed, with SC1
low and SC2 high. In this way, the effect of all error sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com