Electronic Components Datasheet Search
  English  ▼

X  

AD7701ARS Datasheet(PDF) 11 Page - Analog Devices

Part # AD7701ARS
Description  LC2MOS 16-Bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7701ARS Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7701ARS Datasheet HTML 7Page - Analog Devices AD7701ARS Datasheet HTML 8Page - Analog Devices AD7701ARS Datasheet HTML 9Page - Analog Devices AD7701ARS Datasheet HTML 10Page - Analog Devices AD7701ARS Datasheet HTML 11Page - Analog Devices AD7701ARS Datasheet HTML 12Page - Analog Devices AD7701ARS Datasheet HTML 13Page - Analog Devices AD7701ARS Datasheet HTML 14Page - Analog Devices AD7701ARS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
REV. E
–10–
AD7701
The output settling of the AD7701 in response to a step input
change is shown in Figure 12. The Gaussian response has fast
settling with no overshoot, and the worst-case settling time to
± 0.0007% (± 0.5 LSB) is 125 ms with a 4.096 MHz master
clock frequency.
100
80
60
40
20
0
040
80
120
160
TIME – ms
Figure 12. AD7701 Step Response
USING THE AD7701
SYSTEM DESIGN CONSIDERATIONS
The AD7701 operates differently from successive approxima-
tion ADCs or other integrating ADCs. Since it samples the
signal continuously, like a tracking ADC, there is no need for a
start convert command. The 16-bit output register is updated at
a 4 kHz rate, and the output can be read at any time, either
synchronously or asynchronously.
CLOCKING
The AD7701 requires a master clock input, which may be an
external TTL/CMOS compatible clock signal applied to the
CLKIN pin (CLKOUT not used). Alternatively, a crystal of
the correct frequency can be connected between CLKIN and
CLKOUT, when the clock circuit will function as a crystal
controlled oscillator.
The input sampling frequency, output data rate, filter character-
istics, and calibration time are all directly related to the master
clock frequency, fCLKIN, by the ratios given in the specification
table. Therefore, the first step in system design with the AD7701 is
to select a master clock frequency suitable for the bandwidth
and output data rate required by the application.
ANALOG INPUT RANGES
The AD7701 performs conversion relative to an externally
supplied reference voltage that allows easy interfacing to
ratiometric systems. In addition, either unipolar or bipolar input
voltage ranges may be selected using the BP/
UP input. With
BP/
UP tied low, the input range is unipolar and the span is 0 to
+VREF. With BP/UP tied high, the input range is bipolar and the
span is
±VREF. In the Bipolar mode, both positive and negative
full scale are directly determined by VREF. This offers superior
tracking of positive and negative full scale and better midscale
(bipolar zero) stability than bipolar schemes that simply scale
and offset the input range.
The digital output coding for the unipolar range is unipolar
binary; for the bipolar range it is offset binary. Bit weights for
the Unipolar and Bipolar modes are shown in Table I. The
input voltages and output codes for unipolar and bipolar ranges,
using the recommended +2.5 V reference, are shown in
Table II.
Table I. Bit Weight Table (2.5 V Reference Voltage)
Unipolar Mode
Bipolar Mode
µV
LSBs
% FS
ppm FS
LSBs
% FS
ppm FS
10
0.26
0.0004
4
0.13
0.0002
2
19
0.5
0.0008
8
0.26
0.0004
4
38
1.00
0.0015
15
0.5
0.0008
8
76
2.00
0.0031
31
1.00
0.0015
15
153
4.00
0.0061
61
2.00
0.0031
31
Table II. Output Coding
Unipolar Mode
Bipolar Mode
Input Relative to
Input Relative to
FS and AGND
Input (V)
FS and AGND
Input (V)
Output Data
1111 1111 1111 1111
+VREF – 1.5 LSB
+2.499943
+VREF – 1.5 LSB
+2.499886
1111 1111 1111 1110
+VREF – 2.5 LSB
+2.499905
+VREF – 2.5 LSB
+2.499810
1111 1111 1111 1101
+VREF – 3.5 LSB
+2.499867
+VREF – 3.5 LSB
+2.499733
1111 1111 1111 1100
1000 0000 0000 0001
+VREF/2 + 0.5 LSB
+1.250019
AGND + 0.5 LSB
+0.000038
1000 0000 0000 0000
+VREF/2 – 0.5 LSB
+1.249981
AGND – 0.5 LSB
–0.000038
0111 1111 1111 1111
+VREF/2 – 1.5 LSB
+1.249943
AGND – 1.5 LSB
–0.000114
0111 1111 1111 1110
0000 0000 0000 0011
AGND + 2.5 LSB
+0.000095
–VREF + 2.5 LSB
–2.499810
0000 0000 0000 0010
AGND + 1.5 LSB
+0.000057
–VREF + 1.5 LSB
–2.499886
0000 0000 0000 0001
AGND + 0.5 LSB
+0.000019
–VREF + 0.5 LSB
–2.499962
0000 0000 0000 0000
NOTES
1. VREF = 2.5 V
2. AGND = 0 V
3. Unipolar Mode, 1 LSB = 2.5 V/655536 = 0.000038 V
4. Bipolar Mode, 1 LSB = 5 V/65536 = 0.000076 V
5. Inputs are voltages at code transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com