Electronic Components Datasheet Search
  English  ▼

X  

AD7874 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7874
Description  4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7874 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7874 Datasheet HTML 9Page - Analog Devices AD7874 Datasheet HTML 10Page - Analog Devices AD7874 Datasheet HTML 11Page - Analog Devices AD7874 Datasheet HTML 12Page - Analog Devices AD7874 Datasheet HTML 13Page - Analog Devices AD7874 Datasheet HTML 14Page - Analog Devices AD7874 Datasheet HTML 15Page - Analog Devices AD7874 Datasheet HTML 16Page - Analog Devices AD7874 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
AD7874
REV. C
–16–
SHORTING PLUG OPTIONS
There are seven shorting plug options which must be set before
using the board. These are outlined below:
LK1–LK4
Connects the analog inputs to the buffer amplifi-
ers. The analog inputs may also be connected to a
component grid for signal conditioning.
LK5
Selects either the AD7874 internal clock or an ex-
ternal clock source.
LK6
Selects either the AD7874 internal reference or an
external reference source.
LK7
Connects the AD7874 RD input directly to the
RD
input of SKT8 or to a decoded STRB and
R/W input. This shorting plug setting depends on
the microprocessor, e.g., the TMS32020 and
68000 require a decoded RD signal.
COMPONENT LIST
IC1
AD713 Quad Op Amp
IC2
AD7874 Analog-to-Digital Converter
IC3
MC78L05 +5 V Regulator
IC4
MC79L05 –5 V Regulator
IC5
74HC00 Quad NAND Gate
C1, C3, C5, C7, C9
10
µF Capacitors
C2, C4, C6, C8, C10
0.1
µF Capacitors
R1, R2
10 k
Ω Pull-Up Resistors
LK1, LK2, LK3
Shorting Plugs
LK4, LK5, LK6
LK7
SKT1, SKT2, SKT3,
BNC Sockets
SKT4, SKT5, SKT6,
SKT7
SKT8
26-Contact (2-Row) IDC Connector
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Plastic (N-28)
Cerdip (Q-28)
SOIC (R-28)
LCCC (E-28A)
0.458 (11.63) 2
0.442 (11.23)
BOTTOM VIEW
NO. 1 PIN INDEX
0.055 (1.40)
0.045 (1.14)
0.028 (0.71)
0.022 (0.56)
0.050
± 0.005
(1.27
± 0.13)
0.040 x 45
°
(1.02 x 45
°)
REF 3 PLCS
0.020 x 45
°
(0.51 x 45
°) REF
0.100 (2.54)
1
0.064 (1.63)
NOTES
1. THIS DIMENSION CONTROLS THE OVERALL PACKAGE
THICKNESS.
2. APPLIES TO ALL FOUR SIDES.
3. ALL TERMINALS ARE GOLD PLATED.
28
0.075
(1.91)
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com