Electronic Components Datasheet Search
  English  ▼

X  

IRKT162/04 Datasheet(PDF) 7 Page - International Rectifier

Part # IRKT162/04
Description  THYRISTOR/DIODE and THYRISTOR/THYRISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT162/04 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRKT162/04 Datasheet HTML 3Page - International Rectifier IRKT162/04 Datasheet HTML 4Page - International Rectifier IRKT162/04 Datasheet HTML 5Page - International Rectifier IRKT162/04 Datasheet HTML 6Page - International Rectifier IRKT162/04 Datasheet HTML 7Page - International Rectifier IRKT162/04 Datasheet HTML 8Page - International Rectifier IRKT162/04 Datasheet HTML 9Page - International Rectifier IRKT162/04 Datasheet HTML 10Page - International Rectifier IRKT162/04 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IRK.136, .142, .162 Series
7
Bulletin I27117 rev. C 03/02
www.irf.com
Fig.14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Maximum Non-Repetitive Surge Current
Fig. 13 - On-State Power Loss Characteristics
Fig. 10 - Current Ratings Characteristics
Fig. 11 - Current Ratings Characteristics
Fig. 12 - On-State Power Loss Characteristics
70
80
90
10 0
11 0
12 0
13 0
0
5 0
1 00
15 0
2 00
25 0
DC
30
60
90
120
180
Averag e O n -state C urrent (A)
Cond uc tio n P e r io d
IR K.142.. Se rie s
R
(D C ) = 0.18 K /W
thJ C
0
50
10 0
15 0
20 0
25 0
03 0
6 0
90
1 20
1 50
RMS Lim it
Co nd uc tio n A ng le
Averag e O n -state C urren t (A )
180
120
90
60
30
IRK .142.. Series
Per Junctio n
T = 12 5 C
J
0
50
10 0
15 0
20 0
25 0
30 0
35 0
0
5 0
1 00
1 50
2 00
2 50
DC
180
120
90
60
30
RM S Lim it
Co nd uc tion P e r iod
Averag e O n -state C urren t (A )
IRK .142.. Se rie s
Per Ju nc tio n
T
= 1 2 5 C
J
15 0 0
20 0 0
25 0 0
30 0 0
35 0 0
40 0 0
45 0 0
11 0
10 0
N um b er O f Eq ua l A m p litud e H a lf C y cle C urrent P ulse s (N )
RRM
J
In itial T = 125 C
@ 60 Hz 0.00 83 s
@ 50 Hz 0.01 00 s
At Any Ra ted Lo a d C o nd itio n A n d With
R ated V
A p p lied Follo w ing Surge .
IRK.142.. Se rie s
Pe r Junc tion
150 0
200 0
250 0
300 0
350 0
400 0
450 0
500 0
0.0 1
0.1
1
Pu lse Tra in D uration (s)
Maximum Non Repetitive Surge Current
V e rsus Pulse Tra in D uratio n. C o ntro l
O f Co nd uctio n Ma y No t Be M a inta ined .
J
In itia l T = 125 C
No Vo lt ag e Re a pp lied
Ra te d V
Re a pp lie d
IRK.1 42.. Se rie s
Pe r Ju nctio n
RRM
70
80
90
10 0
11 0
12 0
13 0
030
60
9 0
1 20
1 50
30
60
90
120
180
Co nd uc tio n A ng le
A vera g e Forw a rd C urrent (A)
IRK.142.. Se rie s
R
(D C ) = 0.18 K/W
thJ C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com