Electronic Components Datasheet Search
  English  ▼

X  

ADATE304 Datasheet(PDF) 39 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADATE304_17 Datasheet HTML 35Page - Analog Devices ADATE304_17 Datasheet HTML 36Page - Analog Devices ADATE304_17 Datasheet HTML 37Page - Analog Devices ADATE304_17 Datasheet HTML 38Page - Analog Devices ADATE304_17 Datasheet HTML 39Page - Analog Devices ADATE304_17 Datasheet HTML 40Page - Analog Devices ADATE304_17 Datasheet HTML 41Page - Analog Devices ADATE304_17 Datasheet HTML 42Page - Analog Devices ADATE304_17 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Data Sheet
ADATE304
Rev. C | Page 39 of 51
DETAILS OF REGISTERS
Table 21. PE/PMU Enable (ADDR[4:0] = 0x0C)
Bit
Name
Description
DATA[2]
PMU enable
0 = disable PMU force output and clamps, place PMU in MV mode
1 = enable PMU force output
When set to 0, the PMU state bits are ignored, except for the PMU sense path (DATA[7])
DATA[1]
Force VT
0 = normal driver operation
1 = force driver to VT
See Table 29 for complete functionality of this bit
DATA[0]
PE disable
0 = enable driver functions
1 = disable driver (low leakage)
See Table 29 for complete functionality of this bit
Table 22. Channel State (ADDR[4:0] = 0x0D)
Bit
Name
Description
DATA[2]
HV mode select
0 = HV driver in low impedance.
1 = enable HV driver.
This bit affects Channel 0 only. Ensure that the Channel 0 bit in SPI write is active.
Channel 1 bit in SPI write is don’t care.
DATA[1]
Load enable
0 = disable load.
1 = enable load.
See Table 29 for complete functionality of this bit.
DATA[0]
Driver high-Z or VT
0 = enable Driver high-Z function.
1 = enable Driver VTERM function.
See Table 29 for complete functionality of this bit.
Table 23. PMU State (ADDR[4:0] = 0x0E)1, 2
Bit
Name
Description
DATA[9:8]
PMU input selection
00 = VDUTGND (calibrated for 0.0 V voltage reference)
01 = 2.5 V + VDUTGND (calibrated for 0.0 A current reference)
1X = PMUDAC
DATA[7]
PMU sense path
0 = internal sense
1 = external sense
DATA[6]
Reserved
DATA[5]
PMU clamp enable
0 = disable clamps
1 = enable clamps
DATA[4]
PMU measure voltage or current
0 = measure voltage mode
1 = measure current mode
DATA[3]
PMU force voltage or current
0 = force voltage mode
1 = force current mode
DATA[2:0]
PMU range
0XX = 2 μA range
100 = 20 μA range
101 = 200 μA range
110 = 2 mA range
111 = 32 mA range
1
Note that when ADDR[4:0] = 0x0C, the PMU enable bit (DATA[2]) = 0, PMU force outputs and clamps are disabled, and the PMU is placed into measure voltage mode.
PMU State DATA[9:8] and DATA[6:0] are ignored, and only the DATA[7] PMU sense path is valid.
2
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com