Electronic Components Datasheet Search
  English  ▼

X  

PE3C0438 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0438
Description  SMP Female to SMP Female Right Angle Cable Using PE-SR405FLJ Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0438 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0438 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0438 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0438 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0438 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMP Female
• Connector 2: SMP Female Right Angle
• Cable Type: PE-SR405FLJ
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12
GHz
VSWR
1.35:1
Velocity of Propagation
69.5
%
RF Shielding
100
dB
Group Delay
1.43 [4.69]
ns/ft [ns/m]
Capacitance
29 [95.14]
pF/ft [pF/m]
.
Mechanical Specifications
Cable Assembly
Diameter
0.19 in [4.83 mm]
.
Weight
0.031 lbs [14.06 g]
One Time Minimum Bend Radius
0.236 in [5.99 mm]
Repeated Minimum Bend Radius
0.787 in [19.99 mm]
Cable
Cable Type
PE-SR405FLJ
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Tinned Copper Braid
Jacket Material
FEP, Black
Jacket Diameter
0.098 in [2.49 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female to SMP Female Right Angle Cable Using PE-SR405FLJ Coax, RoHS PE3C0438
PE3C0438 REV 1.0
SMP Female to SMP Female Right Angle Cable
Using PE-SR405FLJ Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3C0438


Similar Part No. - PE3C0438

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0438-12 PASTERNACK-PE3C0438-12 Datasheet
442Kb / 4P
SMP Female to SMP Female Right Angle Cable 12 Inch Length Using PE-SR405FLJ Coax
PE3C0438-18 PASTERNACK-PE3C0438-18 Datasheet
431Kb / 4P
SMP Female to SMP Female Right Angle Cable 18 Inch Length Using PE-SR405FLJ Coax
PE3C0438-24 PASTERNACK-PE3C0438-24 Datasheet
431Kb / 4P
SMP Female to SMP Female Right Angle Cable 24 Inch Length Using PE-SR405FLJ Coax
PE3C0438-6 PASTERNACK-PE3C0438-6 Datasheet
431Kb / 4P
SMP Female to SMP Female Right Angle Cable 6 Inch Length Using PE-SR405FLJ Coax
PE3C0438-9 PASTERNACK-PE3C0438-9 Datasheet
431Kb / 4P
SMP Female to SMP Female Right Angle Cable 9 Inch Length Using PE-SR405FLJ Coax
More results

Similar Description - PE3C0438

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE36160 PASTERNACK-PE36160 Datasheet
270Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, SMP FEMALE TO SMP FEMALE RIGHT ANGLE
PE36154 PASTERNACK-PE36154 Datasheet
109Kb / 1P
CABLE ASSEMBLY, PE-047SR, SMP FEMALE TO SMP FEMALE RIGHT ANGLE
PE36156 PASTERNACK-PE36156 Datasheet
110Kb / 1P
CABLE ASSEMBLY, PE-SR047FL, SMP FEMALE TO SMP FEMALE RIGHT ANGLE
PE3C0438-6 PASTERNACK-PE3C0438-6 Datasheet
431Kb / 4P
SMP Female to SMP Female Right Angle Cable 6 Inch Length Using PE-SR405FLJ Coax
PE3C0438-9 PASTERNACK-PE3C0438-9 Datasheet
431Kb / 4P
SMP Female to SMP Female Right Angle Cable 9 Inch Length Using PE-SR405FLJ Coax
PE3C0438-12 PASTERNACK-PE3C0438-12 Datasheet
442Kb / 4P
SMP Female to SMP Female Right Angle Cable 12 Inch Length Using PE-SR405FLJ Coax
PE3C0438-18 PASTERNACK-PE3C0438-18 Datasheet
431Kb / 4P
SMP Female to SMP Female Right Angle Cable 18 Inch Length Using PE-SR405FLJ Coax
PE3C0438-24 PASTERNACK-PE3C0438-24 Datasheet
431Kb / 4P
SMP Female to SMP Female Right Angle Cable 24 Inch Length Using PE-SR405FLJ Coax
PE3C0439 PASTERNACK-PE3C0439 Datasheet
453Kb / 3P
2.92mm Male to SMP Female Cable Using PE-SR405FLJ Coax, RoHS
PE3C0757 PASTERNACK-PE3C0757 Datasheet
450Kb / 4P
SMP Female to SMP Female Cable Using PE-P047 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com