Electronic Components Datasheet Search
  English  ▼

X  

PS4160EV Datasheet(PDF) 1 Page - Microchip Technology

Part # PS4160EV
Description  PS4160 Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS4160EV Datasheet(HTML) 1 Page - Microchip Technology

  PS4160EV Datasheet HTML 1Page - Microchip Technology PS4160EV Datasheet HTML 2Page - Microchip Technology PS4160EV Datasheet HTML 3Page - Microchip Technology PS4160EV Datasheet HTML 4Page - Microchip Technology PS4160EV Datasheet HTML 5Page - Microchip Technology PS4160EV Datasheet HTML 6Page - Microchip Technology PS4160EV Datasheet HTML 7Page - Microchip Technology PS4160EV Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 2003 Microchip Technology Inc.
DS21791A-page 1
PS4160EV
1.0
INTRODUCTION
The PS4160EV Evaluation Kit provides the opportunity
to evaluate the PS401 IC quickly and easily. The eval-
uation kit contains all of the hardware and software
necessary to implement a fully functional smart battery
and demonstrate all operating modes. The included
PS4160 module is a complete smart battery controller
subsystem, based on the Microchip PS401 battery
manager with patented Accuron™ technology. The
module is designed to operate in a battery pack
consisting of three (3) and four (4) series connected
Li-based cells. The module consists of the Microchip
PS401 battery manager IC, with a four LED SOC dis-
play, safety circuit, and an optional connection for an
external thermistor.
The included PowerTool™ Windows®-based software
can be used to modify the programming in the pre-
programmed evaluation module. Although many inter-
dependent parameters must be taken into account
when programming the battery manager, the process is
simplified with the PowerTool configuration wizard.
1.1
Evaluation Kit Contents
The PS4160 Evaluation Kit contains the following
hardware, software, and documentation:
• PS4160 Battery Manager Module with
LED SOC Display
• PS041 PowerInfo™ Configuration Interface
• PS4160EV CD-ROM
• Power Supply Unit (120/240 VAC input,
15 VDC output)
• RS-232 Cable
The PS4160EV CD-ROM contains:
• PS040 PowerTool Development Software
• PS041 Data Sheet (DS40234)
• PS401 Data Sheet (DS40238)
• PS4160 Data Sheet (DS40235)
• This Product Brief (DS21791)
FIGURE 1-1:
BOARD PHOTO
PS4160 Evaluation Kit


Similar Part No. - PS4160EV

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS4160 MICROCHIP-PS4160 Datasheet
244Kb / 10P
PS401 Battery Manager Module with LED SOC Display
03/25/03
More results

Similar Description - PS4160EV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com