Electronic Components Datasheet Search
  English  ▼

X  

PS5164 Datasheet(PDF) 6 Page - Microchip Technology

Part # PS5164
Description  PS501 Four-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS5164 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PS5164 Datasheet HTML 2Page - Microchip Technology PS5164 Datasheet HTML 3Page - Microchip Technology PS5164 Datasheet HTML 4Page - Microchip Technology PS5164 Datasheet HTML 5Page - Microchip Technology PS5164 Datasheet HTML 6Page - Microchip Technology PS5164 Datasheet HTML 7Page - Microchip Technology PS5164 Datasheet HTML 8Page - Microchip Technology PS5164 Datasheet HTML 9Page - Microchip Technology PS5164 Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PS5164
DS21850B-page 6
 2004 Microchip Technology Inc.
3.3
Bill of Materials
TABLE 3-1:
PS5164 BILL OF MATERIALS
Symbols
Description
Manufacturer
Manufacturer PN
Qty.
Raw PCB, PS5164
Microchip
04-826170 REV. 3.1
1
C9
Capacitor, Ceramic, 10 nF, 25V, +/-10%,
X7R dielectric, 0603
Panasonic
ECJ-1VB1E103K
1
C18
Capacitor, Ceramic, 1.0 nF, 50V, +/-10%,
X7R dielectric, 0603
Panasonic
ECJ-1VB1H102K
1
C2-C4, C11-C14,
C16-C17
Capacitor, Ceramic, 100 nF, 25V, +80%/-20%,
Y5V dielectric, 0603
Panasonic
ECJ-1VF1E104Z
9
C8
Capacitor, Ceramic, 100 nF, 25V, +/-10%,
X7R dielectric, 0805
Panasonic
ECJ-2VB1E104K
1
C1, C5, C7
Capacitor, Ceramic, 330 nF, 25V, +80%/-20%,
Y5V dielectric, 0805
Panasonic
ECJ-2YF1E334Z
3
C15
Capacitor, Ceramic, 2.2
µF, 25V, +80%/-20%,
Y5V dielectric, 1206
Panasonic
ECJ-3YF1E225Z
1
LED0-LED3
LED, clear green, 1206 package
Lumex
SML-LX1206GC-TR
4
D1
Dual Zener Diode, 5.6V, +/-5%, 300 mW, common anode,
SOT-23
Diodes Inc.
General Semi.
AZ23C5V6-7
AZ23-C5V6
1
F1
Fuse, battery pack protector, 7A, 36 VDC, 50A breaking
capacity, 5 +/- 1.5 mOhm resistance, 31.6 +/- 3.2 ohms
heater resistance, 11.1-25.0V heater operating voltage
range, UL248-14, 3-terminal surface mount package
Sony Chemicals
SFD-167A
1
Q1-Q2
MOSFET, P-channel Enhancement mode, -30V, 11A,
13.5 mOhms, 1.9W, SO-8
Int. Rectifier
Toshiba
IRF7424
TPC8108
2
Q3
MOSFET, N-channel Enhancement mode, 30V, 1.6A,
0.125 ohms, 500 mW, SOT-23
Fairchild Semi.
Fairchild Semi.
NDS355N
NDS355AN
1
R5
Resistor, film, 0603, 1%, 3.65 KOhms
Panasonic
ERJ-3EKF3651V
1
R35
Resistor, film, 0603, 1%, 365 ohms
Panasonic
ERJ-3EKF3650V
1
R26
Resistor, film, 0603, 1%, 221 KOhms, 25 ppm, TC
Susumu Co. Ltd.
RR0816P-2213-D-34D
1
R16
Resistor, zero ohm, 0603
Panasonic
ERJ-3GEY0R00V
1
R11-R14
Resistor, film, 0603, 5%, 1.0 KOhms
Panasonic
ERJ-3GEYJ102V
4
R21
Resistor, film, 0603, 5%, 1.0 Megohms
Panasonic
ERJ-3GEYJ105V
1
R7-R8
Resistor, film, 0603, 5%, 20 ohms
Panasonic
ERJ-3GEYJ200V
2
R6, R17
Resistor, film, 0603, 5%, 20 KOhms
Panasonic
ERJ-3GEYJ203V
2
R19
Resistor, film, 0603, 5%, 220 ohms
Panasonic
ERJ-3GEYJ221V
1
R23, R31
Resistor, film, 0603, 5%, 5.1 KOhms
Panasonic
ERJ-3GEYJ512V
2
R15
Resistor, film, 0603, 5%, 51 ohms
Panasonic
ERJ-3GEYJ510V
1
R1
Resistor, film, 0805, 5%, 20 ohms
Panasonic
ERJ-6GEYJ200V
1
R2-R4
Resistor, film, 0805, 5%, 240 ohms
Panasonic
ERJ-6GEYJ241V
3
R9-R10
Resistor, film, 1206, 5%, 240 ohms
Panasonic
ERJ-8GEYJ241V
2
R36
Resistor, metal strip, 2512, 1%, 0.020 ohms
Vishay
WSL2512-0.020-1%-R86
1
SW1
Switch, SPST-momentary, push button, surface mount
ALPS
SKQGADE010
1
U1
IC, Single chip Battery Manager, programmable,
25°C to 85°C, SSOP-28
Microchip
PS501-I/ST
1
U2
IC, Battery Protection Circuit, Li Ion, 3 or 4-cell,
40°C to 85°C, 4.4 mm body width TSSOP-16 package
Seiko Instruments S-8254AAJFT-TB
(Note 1)
1
Note
1:
Other variants of the S-8254A series, with different trip points, are also available. Consult the S-8254A series data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com