Electronic Components Datasheet Search
  English  ▼

X  

IRU1209CS Datasheet(PDF) 12 Page - International Rectifier

Part # IRU1209CS
Description  1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1209CS Datasheet(HTML) 12 Page - International Rectifier

Back Button IRU1209CS Datasheet HTML 4Page - International Rectifier IRU1209CS Datasheet HTML 5Page - International Rectifier IRU1209CS Datasheet HTML 6Page - International Rectifier IRU1209CS Datasheet HTML 7Page - International Rectifier IRU1209CS Datasheet HTML 8Page - International Rectifier IRU1209CS Datasheet HTML 9Page - International Rectifier IRU1209CS Datasheet HTML 10Page - International Rectifier IRU1209CS Datasheet HTML 11Page - International Rectifier IRU1209CS Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Rev. 2.3
08/02/02
IRU1206 / IRU1207 / IRU1208 / IRU1209
www.irf.com
PKG
DESIG
D
S
Y
PACKAGE
DESCRIPTION
TO-252, (D-Pak)
SOIC, Narrow Body
SOT-223
PARTS
PER TUBE
75
95
80
PARTS
PER REEL
2500
2500
2500
PACKAGE SHIPMENT METHOD
PIN
COUNT
2
8
3
T & R
Orientation
Fig A
Fig B
Fig C
Feed Direction
Figure A
Feed Direction
Figure B
Feed Direction
Figure C
1
1
1
1
1
1
1
1
1
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
Data and specifications subject to change without notice. 02/01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com