Electronic Components Datasheet Search
  English  ▼

X  

PE6187 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE6187
Description  5 Watt RF Load Up to 3 GHz With N Male Input Aluminum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6187 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE6187 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6187 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6187 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6187 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
5 Watt RF Load Up to 3 GHz With N Male Input Aluminum from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 5 Watt RF Load Up to 3 GHz With N Male Input Aluminum PE6187
URL: http://www.pasternack.com/5-watts-n-male-rf-load-up-to-3-ghz-pe6187-p.aspx
PE6187
PE6187 REV 1.1
RF Terminations Technical Data Sheet
5 Watt RF Load Up to 3 GHz With N Male Input Aluminum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com