Electronic Components Datasheet Search
  English  ▼

X  

PE6188 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE6188
Description  50 Watt RF Load Up to 4 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6188 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE6188 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6188 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6188 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6188 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Typical Performance Data
-70
-60
-50
-40
-30
-20
-10
0
0.00
0.40
0.80
1.20
1.60
2.00
2.40
2.80
3.20
3.60
4.00
dB
GHz
Return Loss
Limit
50 Watt RF Load Up to 4 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Watt RF Load Up to 4 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink
PE6188
URL: http://www.pasternack.com/50-watts-n-male-rf-load-up-to-4-ghz-pe6188-p.aspx
PE6188
PE6188 REV 1.2
RF Terminations Technical Data Sheet
50 Watt RF Load Up to 4 GHz With N Male Input
Square Body Black Anodized Aluminum Heatsink



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com