Electronic Components Datasheet Search
  English  ▼

X  

PE6189 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6189
Description  50 Watt RF Load Up to 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6189 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6189 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6189 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6189 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6189 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• DC to 3 GHz Frequency Range
• VSWR 1.1:1 Max
• Max Power 50 Watt (CW)
• N Male Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6189 is an RF termination (also called RF load or dummy load) that operates from DC to 3 GHz and handles
up to 50 Watt (CW). Our N termination / load has a male gender. PE6189 N load termination offers 1.1:1 max VSWR. This
Pasternack 50W N terminator has a heatsink body which is designed to provide adequate heat dissipation within its full
frequency of operation.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
Impedance
50
Ohms
VSWR
1.1:1
Passive Intermodulation
-100
dBc
Input Power (CW)
50
Watts
Input Power (Peak)
1
KWatts
5µs pulse, 5% duty cycle
.
Electrical Specification Notes:
Passive intermodulation measured with two 20W signals at 935 MHz and 960 MHz.
Mechanical Specifications
Size
Length
5 in [127 mm]
Width
1.97 in [50.04 mm]
.
Weight
0.79 lbs [358.34 g]
.
PE6189
PE6189 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Watt RF Load Up to 3 GHz With N Male Input Round Body Black Anodized Aluminum
Heatsink PE6189
RF Terminations Technical Data Sheet
50 Watt RF Load Up to 3 GHz With N Male Input
Round Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6189

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6189 PASTERNACK-PE6189 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
More results

Similar Description - PE6189

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6189 PASTERNACK-PE6189 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6234 PASTERNACK-PE6234 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Female Input Round Body Black Anodized Aluminum Heatsink
PE6095 PASTERNACK-PE6095_16 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With SMA Male Input Black Anodized Aluminum Heatsink
PE6097 PASTERNACK-PE6097_16 Datasheet
427Kb / 3P
5 Watt RF Load Up to 18 GHz With N Male Input Black Anodized Aluminum Heatsink
PE6099 PASTERNACK-PE6099_16 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With TNC Male Input Black Anodized Aluminum Heatsink
PE6104 PASTERNACK-PE6104_16 Datasheet
429Kb / 4P
10 Watt RF Load Up to 18 GHz With TNC Male Input Black Anodized Aluminum Heatsink
PE6106 PASTERNACK-PE6106_16 Datasheet
436Kb / 4P
25 Watt RF Load Up to 18 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink
PE6188 PASTERNACK-PE6188_16 Datasheet
428Kb / 4P
50 Watt RF Load Up to 4 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink
PE6198 PASTERNACK-PE6198_16 Datasheet
443Kb / 4P
50 Watt RF Load Up to 18 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink
PE6228 PASTERNACK-PE6228_16 Datasheet
427Kb / 3P
25 Watt RF Load Up to 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com