Electronic Components Datasheet Search
  English  ▼

X  

PE6191 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6191
Description  50 Watt RF Load Up to 3 GHz With 7/16 DIN Male Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6191 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6191 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6191 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6191 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6191 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• DC to 3 GHz Frequency Range
• VSWR 1.15:1 Max
• Max Power 50 Watt (CW)
• 7/16 DIN Male Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6191 is an RF termination (also called RF load or dummy load) that operates from DC to 3 GHz and handles
up to 50 Watt (CW). Our 7/16 DIN termination / load has a male gender. PE6191 7/16 DIN load termination offers 1.15:1 max
VSWR. This Pasternack 50W 7/16 DIN terminator has a heatsink body which is designed to provide adequate heat dissipation
within its full frequency of operation.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
Impedance
50
Ohms
VSWR
1.15:1
Passive Intermodulation
-100
dBc
Input Power (CW)
50
Watts
derated linearly to 5W at +125°C
Input Power (Peak)
10
KWatts
5µs pulse, 0.5% duty cycle
.
Electrical Specification Notes:
Passive intermodulation measured with two 20W signals at 935 MHz and 960 MHz.
PE6191
PE6191 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Watt RF Load Up to 3 GHz With 7/16 DIN Male Input Square Body Black Anodized Alumi-
num Heatsink PE6191
RF Terminations Technical Data Sheet
50 Watt RF Load Up to 3 GHz With 7/16 DIN Male Input
Square Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6191

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6191 PASTERNACK-PE6191 Datasheet
244Kb / 3P
50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7-16 DIN Male RF Load Up To 3 GHz
More results

Similar Description - PE6191

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6209 PASTERNACK-PE6209 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 8 GHz With 7/16 DIN Male Input
PE6217 PASTERNACK-PE6217 Datasheet
249Kb / 3P
Medium Power 50 Watts RF Load Up To 8 GHz With 7/16 DIN
PE6218 PASTERNACK-PE6218 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 8 GHz With 7/16 DIN
PE6TR1013 PASTERNACK-PE6TR1013 Datasheet
324Kb / 3P
2 Watt RF Load Up To 3 GHz With 7-16 DIN Male Input Silver Plated Brass
PE6191 PASTERNACK-PE6191 Datasheet
244Kb / 3P
50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7-16 DIN Male RF Load Up To 3 GHz
PE6100 PASTERNACK-PE6100_16 Datasheet
426Kb / 4P
5 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Tri-Metal Plated Brass
PE6105 PASTERNACK-PE6105_16 Datasheet
427Kb / 4P
10 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Black Anodized Aluminum Heatsink
PE6107 PASTERNACK-PE6107_16 Datasheet
427Kb / 3P
25 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Square Body Black Anodized Aluminum Heatsink
PE6187 PASTERNACK-PE6187_16 Datasheet
435Kb / 4P
5 Watt RF Load Up to 3 GHz With N Male Input Aluminum
PE6211 PASTERNACK-PE6211_15 Datasheet
376Kb / 2P
50 Watt RF Load Up To 18 GHz With SMA Male Input
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com