Electronic Components Datasheet Search
  English  ▼

X  

PE6193 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6193
Description  2.4mm Female Shorting Dust Cap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6193 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6193 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6193 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6193 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Protects against dust and contaminants
• Protects against physical damage
• Passivated Stainless Steel Body
• Internally Shorted
Applications
• General Purpose Laboratory Use
• Test and Measurement
• ESD Protection
.
Description
Pasternack’s PE6193 connector dust cap has a 2.4mm interface and a female gender. Our 2.4mm female dust cap is a
shorting design with a passivated stainless steel body to ensure durability. The Pasternack shorting 2.4mm connector cap is
part of over 40,000 RF, microwave and millimeter wave products that ship the same day.
RF connector dust caps are essential for precision connectors, protecting them from dust, corrosion and potential damage
especially to test and measurement equipment. Specific RF connector cap models come with a chain to prevent loss or
misplacement. Internal short connector cap versions are available to protect equipment from a spike in current caused by
electrostatic discharge (ESD).
Mechanical Specifications
Configuration
Connector
2.4mm Female Shorting
.
Description
Material
Plating
Contact
Beryllium Copper
Gold
Body
Passivated Stainless Steel
.
Size
Length
0.4 in [10.16 mm]
Width
0.23 in [5.84 mm]
.
Weight
0.01 lbs [4.54 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Female Shorting Dust Cap PE6193
PE6193 REV 1.1
2.4mm Female Shorting Dust Cap
Shorts and Caps Technical Data Sheet
PE6193


Similar Part No. - PE6193

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6193 PASTERNACK-PE6193 Datasheet
197Kb / 2P
2.4mm Female Shorting Dust Cap
More results

Similar Description - PE6193

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6135 PASTERNACK-PE6135 Datasheet
232Kb / 2P
Shorting TNC Female Dust Cap
PE6007 PASTERNACK-PE6007 Datasheet
236Kb / 2P
Shorting Dust Cap for SMA Female
PE6030 PASTERNACK-PE6030 Datasheet
232Kb / 2P
Shorting Dust Cap for BNC Female
PE6192 PASTERNACK-PE6192 Datasheet
192Kb / 2P
2.4mm Male Shorting Dust Cap
PE6193 PASTERNACK-PE6193 Datasheet
197Kb / 2P
2.4mm Female Shorting Dust Cap
PE6195 PASTERNACK-PE6195 Datasheet
193Kb / 2P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PE6108 PASTERNACK-PE6108_16 Datasheet
413Kb / 3P
BNC Female Non-Shorting Dust Cap
PE6135 PASTERNACK-PE6135_16 Datasheet
413Kb / 3P
TNC Female Shorting Dust Cap
PE6192 PASTERNACK-PE6192_16 Datasheet
412Kb / 3P
2.4mm Male Shorting Dust Cap
PE6195 PASTERNACK-PE6195_16 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com