Electronic Components Datasheet Search
  English  ▼

X  

PE6194 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6194
Description  2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6194 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6194 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6194 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6194 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Plotted and Other Data
Notes:
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male Shorting Dust Cap With 3.5 Inch Chain PE6194
URL: https://www.pasternack.com/shorting-2.4mm-male-with-3.5-inch-chain-dust-cap-pe6194-p.aspx
PE6194 REV 1.1
Shorts and Caps Technical Data Sheet
PE6194
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com