Electronic Components Datasheet Search
  English  ▼

X  

PE6195 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6195
Description  2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6195 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6195 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6195 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6195 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Protects against dust and contaminants
• Protects against physical damage
• Passivated Stainless Steel Body
• Internally Shorted
• Chain Included
Applications
• General Purpose Laboratory Use
• Test and Measurement
• ESD Protection
.
Description
Pasternack’s PE6195 RF connector dust cap has a 2.4mm interface and a female gender. Our 2.4mm female dust cap is a
shorting design with a passivated stainless steel body to ensure durability. The Pasternack shorting 2.4mm connector cap
comes with a 3.5 inch chain and is part of over 40,000 RF, microwave and millimeter wave products that ship the same day.
RF connector dust caps are essential for precision connectors, protecting them from dust, corrosion and potential damage
especially to test and measurement equipment. Specific RF connector cap models come with a chain to prevent loss or
misplacement. Internal short connector cap versions are available to protect equipment from a spike in current caused by
electrostatic discharge (ESD).
Mechanical Specifications
Configuration
Connector
2.4mm Female Shorting
Chain Option
3.5 in Chain
.
Description
Material
Plating
Body
Passivated Stainless Steel
Chain
Stainless Steel
.
Size
Length
0.49 in [12.45 mm]
Width
0.23 in [5.84 mm]
.
Weight
0.01 lbs [4.54 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Female Shorting Dust Cap With 3.5 Inch Chain PE6195
PE6195 REV 1.1
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
Shorts and Caps Technical Data Sheet
PE6195


Similar Part No. - PE6195

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6195 PASTERNACK-PE6195 Datasheet
193Kb / 2P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results

Similar Description - PE6195

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6130 PASTERNACK-PE6130 Datasheet
241Kb / 2P
Shorting N Female With 4 Inch Chain Dust Cap
PE6110 PASTERNACK-PE6110 Datasheet
237Kb / 2P
Non-Shorting Dust Cap for C Female With 3.5 Inch Chain
PE6194 PASTERNACK-PE6194 Datasheet
195Kb / 2P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6195 PASTERNACK-PE6195 Datasheet
193Kb / 2P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PE6110 PASTERNACK-PE6110_16 Datasheet
416Kb / 3P
C Female Non-Shorting Dust Cap With 3.5 Inch Chain
PE6128 PASTERNACK-PE6128_16 Datasheet
420Kb / 3P
BNC Female Shorting Dust Cap With 4 Inch Chain
PE6132 PASTERNACK-PE6132_17 Datasheet
346Kb / 3P
SMA Female Shorting Dust Cap With 2.5 Inch Chain
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
TNC Female Shorting Dust Cap With 4 Inch Chain
PE6193 PASTERNACK-PE6193_16 Datasheet
412Kb / 3P
2.4mm Female Shorting Dust Cap
PE6194 PASTERNACK-PE6194_16 Datasheet
418Kb / 3P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com