Electronic Components Datasheet Search
  English  ▼

X  

PE6202 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6202
Description  0.25 Watt RF Load Up to 3 GHz With 75 Ohm F Male Input Nickel Plated Zinc
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6202 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6202 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6202 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6202 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• RF 75 Ohm Load
• DC to 3 GHz Frequency Range
• Return Loss -22 dB Max
• Max Power 0.25 Watt (CW)
• F Male Coaxial Interface
• HDTV Compatible
Applications
• CATV
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6202 is an RF termination (also called RF load or dummy load) that operates from DC to 3 GHz and handles
up to 0.25 Watt (CW). Our F termination / load has a male gender. PE6202 75 Ohm F load termination offers -22 dB max
return loss.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
Impedance
75
Ohms
Return Loss
-22
dB
Input Power (CW)
0.25
Watts
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 1
1 to 2
2 to 3
GHz
Return Loss, Max
-40
-30
-22
dB
.
Mechanical Specifications
Width
0.4 in [10.16 mm]
.
PE6202
PE6202 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.25 Watt RF Load Up to 3 GHz With 75 Ohm F Male Input Nickel Plated Zinc PE6202
RF Terminations Technical Data Sheet
0.25 Watt RF Load Up to 3 GHz With 75 Ohm
F Male Input Nickel Plated Zinc


Similar Part No. - PE6202

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6202 PASTERNACK-PE6202 Datasheet
244Kb / 3P
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz
PE6202-100PK PASTERNACK-PE6202-100PK Datasheet
911Kb / 3P
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz 100 Pack
PE6202-25PK PASTERNACK-PE6202-25PK Datasheet
911Kb / 3P
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz 25 Pack
More results

Similar Description - PE6202

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6202 PASTERNACK-PE6202 Datasheet
244Kb / 3P
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz
PE6075 PASTERNACK-PE6075_16 Datasheet
425Kb / 3P
2 Watt RF Load With Chain Up to 18 GHz With N Male Input Nickel Plated Brass
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
PE6156 PASTERNACK-PE6156_16 Datasheet
419Kb / 3P
2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass
PE6164 PASTERNACK-PE6164_16 Datasheet
423Kb / 4P
1 Watt RF Load Up to 12.4 GHz With QMA Male Input Nickel Plated Brass
PE6165 PASTERNACK-PE6165_15 Datasheet
321Kb / 3P
1 Watt RF Load Up To 1,000 MHz With 75 Ohm BNC Male Input Nickel Plated Brass
PE6184 PASTERNACK-PE6184_16 Datasheet
420Kb / 3P
0.25 Watt RF Load Up to 18 GHz With Mini SMP Female Input Gold Plated Beryllium Copper
PE6187 PASTERNACK-PE6187_16 Datasheet
435Kb / 4P
5 Watt RF Load Up to 3 GHz With N Male Input Aluminum
PE6202-25PK PASTERNACK-PE6202-25PK Datasheet
911Kb / 3P
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz 25 Pack
PE6202-100PK PASTERNACK-PE6202-100PK Datasheet
911Kb / 3P
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz 100 Pack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com