Electronic Components Datasheet Search
  English  ▼

X  

PE6211 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6211
Description  50 Watt RF Load Up To 18 GHz With SMA Male Input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6211 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6211 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6211 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMA Male
Connector Specification
MIL-STD-348
Heat Sink
Black Anodized Aluminum Heatsink
Connection Method
Standard
Body Style
Straight
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
VSWR
1.6:1
Input Power
50
Watts
Peak Power
500
Watts
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 6
6 to 12.4
12.4 to 16
16 to 18
GHz
VSWR
1.3:1
1.45:1
1.6:1
1.8:1
.
Mechanical Specifications
Temperature
Operating Range
-65 to +125 deg C
.
Color
Black
Connector
Type
SMA Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size
5/16 Inch
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
PE6211
PE6211 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Watt RF Load Up To 18 GHz With SMA Male Input Square Body Black Anodized Aluminum
Heatsink
PE6211
50 Watt RF Load Up To 18 GHz With SMA Male Input
Square Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6211

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6211 PASTERNACK-PE6211 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With SMA
More results

Similar Description - PE6211

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6TR1000 PASTERNACK-PE6TR1000 Datasheet
343Kb / 3P
30 Watt RF Load Up To 4.2 GHz With SMA Female Input
PE6241 PASTERNACK-PE6241 Datasheet
331Kb / 3P
1 Watt RF Load Up To 6 GHz With Reverse Polarity SMA Male Input
PE6TR1001 PASTERNACK-PE6TR1001 Datasheet
344Kb / 3P
50 Watt RF Load Up To 6 GHz With SMA Female Input
PE6069 PASTERNACK-PE6069_17 Datasheet
360Kb / 4P
1 Watt RF Load with Chain Up to 18 GHz SMA Male Passivated Stainless Steel
PE6071 PASTERNACK-PE6071_16 Datasheet
423Kb / 3P
1 Watt RF Load Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6072 PASTERNACK-PE6072_17 Datasheet
359Kb / 3P
1 Watt RF Load With Chain Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6081 PASTERNACK-PE6081_16 Datasheet
424Kb / 3P
2 Watt RF Load Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6082 PASTERNACK-PE6082 Datasheet
428Kb / 4P
2 Watt RF Load with Chain Up to 18 GHz with SMA Male Input Passivated Stainless Steel
PE6095 PASTERNACK-PE6095_16 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With SMA Male Input Black Anodized Aluminum Heatsink
PE6212 PASTERNACK-PE6212_15 Datasheet
375Kb / 2P
50 Watt RF Load Up To 18 GHz With SMA Female Input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com