Electronic Components Datasheet Search
  English  ▼

X  

OPA207 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207
Description  Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA207 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA207 Datasheet HTML 3Page - Texas Instruments OPA207 Datasheet HTML 4Page - Texas Instruments OPA207 Datasheet HTML 5Page - Texas Instruments OPA207 Datasheet HTML 6Page - Texas Instruments OPA207 Datasheet HTML 7Page - Texas Instruments OPA207 Datasheet HTML 8Page - Texas Instruments OPA207 Datasheet HTML 9Page - Texas Instruments OPA207 Datasheet HTML 10Page - Texas Instruments OPA207 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Frequency (Hz)
10
20
30
40
50
60
70
80
100
100
1k
10k
100k
1M
10M
Open
Frequency (Hz)
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
PSRR–
PSRR+
CMRR
Frequency (Hz)
-20
-100
0
-50
20
0
40
50
60
100
80
150
100
200
120
250
140
300
100m
1
10
100
1k
10k
100k
1M
10M
Gain
Phase
Frequency (Hz)
-20
-10
0
10
20
30
100
1k
10k
100k
1M
10M
G= +1
G= –1
G= +11
0
5
10
15
20
25
Offset Voltage (µV)
C002
0
5
10
15
20
Input Offset Voltage Drift (µV/
ƒC)
C001
7
OPA207
www.ti.com
SBOS826 – DECEMBER 2017
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Typical Characteristics
At TA = 25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
Figure 1. Input Referred Offset Voltage Distribution
Figure 2. Input Referred Offset Voltage Drift Distribution
Figure 3. Open-Loop Gain and Phase vs Frequency
Figure 4. Closed Loop Gain vs Frequency
Figure 5. Power Supply Rejection Ratio and Common-Mode
Rejection Ratio vs Frequency
Figure 6. Open-Loop Output Impedance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com