Electronic Components Datasheet Search
  English  ▼

X  

REF3430 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REF3430
Description  Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3430 Datasheet(HTML) 2 Page - Texas Instruments

  REF3430 Datasheet HTML 1Page - Texas Instruments REF3430 Datasheet HTML 2Page - Texas Instruments REF3430 Datasheet HTML 3Page - Texas Instruments REF3430 Datasheet HTML 4Page - Texas Instruments REF3430 Datasheet HTML 5Page - Texas Instruments REF3430 Datasheet HTML 6Page - Texas Instruments REF3430 Datasheet HTML 7Page - Texas Instruments REF3430 Datasheet HTML 8Page - Texas Instruments REF3430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
REF3425, REF3430, REF3433
SBAS804A – SEPTEMBER 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: REF3425 REF3430 REF3433
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 2
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Typical Characteristics .............................................. 7
8
Parameter Measurement Information ................ 11
8.1
Solder Heat Shift ..................................................... 11
8.2
Long-Term Stability ................................................. 12
8.3
Thermal Hysteresis ................................................. 12
8.4
Power Dissipation ................................................... 13
8.5
Noise Performance ................................................. 14
9
Detailed Description ............................................ 15
9.1
Overview ................................................................. 15
9.2
Functional Block Diagram ....................................... 15
9.3
Feature Description................................................. 15
9.4
Device Functional Modes........................................ 16
10
Applications and Implementation...................... 17
10.1
Application Information.......................................... 17
10.2
Typical Application: Basic Voltage Reference
Connection ............................................................... 17
11
Power-Supply Recommendations ..................... 19
12
Layout................................................................... 20
12.1
Layout Guidelines ................................................. 20
12.2
Layout Example .................................................... 20
13
Device and Documentation Support ................. 21
13.1
Documentation Support ........................................ 21
13.2
Receiving Notification of Documentation Updates 21
13.3
Community Resources.......................................... 21
13.4
Trademarks ........................................................... 21
13.5
Electrostatic Discharge Caution ............................ 21
13.6
Glossary ................................................................ 21
14
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (September 2017) to Revision A
Page
•
Added production release of 2 new output voltage option devices, REF3430 and REF3433 ............................................... 1
5 Device Comparison Table
PRODUCT
VOUT
REF3425
2.5 V
REF3430
3 V
REF3433
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com