Electronic Components Datasheet Search
  English  ▼

X  

L78L00 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L78L00
Description  POSITIVE VOLTAGE REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L00 Datasheet(HTML) 3 Page - STMicroelectronics

  L78L00 Datasheet HTML 1Page - STMicroelectronics L78L00 Datasheet HTML 2Page - STMicroelectronics L78L00 Datasheet HTML 3Page - STMicroelectronics L78L00 Datasheet HTML 4Page - STMicroelectronics L78L00 Datasheet HTML 5Page - STMicroelectronics L78L00 Datasheet HTML 6Page - STMicroelectronics L78L00 Datasheet HTML 7Page - STMicroelectronics L78L00 Datasheet HTML 8Page - STMicroelectronics L78L00 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
L78L00 SERIES
3/24
ORDERING CODES
(*) Available in Tape & Reel with the suffix "13TR".
(**) Available in Ammopak with the suffix "-AP" or in Tape & Reel with the suffix "TR".
TYPE
SO-8 (TUBE)*
TO-92 (TUBE)**
SOT-89 (T&R)
OUTPUT VOLTAGE
L78L33C
L78L33CD
L78L33CZ
3.3 V
L78L33AC
L78L33ACD
L78L33ACZ
L78L33ACUTR
3.3 V
L78L33AB
L78L33ABD
L78L33ABZ
L78L33ABUTR
3.3 V
L78L05C
L78L05CD
L78L05CZ
5 V
L78L05AC
L78L05ACD
L78L05ACZ
L78L05ACUTR
5 V
L78L05AB
L78L05ABD
L78L05ABZ
L78L05ABUTR
5 V
L78L06C
L78L06CD
L78L06CZ
6 V
L78L06AC
L78L06ACD
L78L06ACZ
L78L06ACUTR
6 V
L78L06AB
L78L06ABD
L78L06ABZ
L78L06ABUTR
6 V
L78L08C
L78L08CD
L78L08CZ
8 V
L78L08AC
L78L08ACD
L78L08ACZ
L78L08ACUTR
8 V
L78L08AB
L78L08ABD
L78L08ABZ
L78L08ABUTR
8 V
L78L09C
L78L09CD
L78L09CZ
9 V
L78L09AC
L78L09ACD
L78L09ACZ
L78L09ACUTR
9 V
L78L09AB
L78L09ABD
L78L09ABZ
L78L09ABUTR
9 V
L78L10C
L78L10CD
L78L10CZ
10 V
L78L10AC
L78L10ACD
L78L10ACZ
L78L10ACUTR
10 V
L78L10AB
L78L10ABD
L78L10ABZ
L78L10ABUTR
10 V
L78L12C
L78L12CD
L78L12CZ
12 V
L78L12AC
L78L12ACD
L78L12ACZ
L78L12ACUTR
12 V
L78L12AB
L78L12ABD
L78L12ABZ
L78L12ABUTR
12 V
L78L15C
L78L15CD
L78L15CZ
15 V
L78L15AC
L78L15ACD
L78L15ACZ
L78L15ACUTR
15 V
L78L15AB
L78L15ABD
L78L15ABZ
L78L15ABUTR
15 V
L78L18C
L78L18CD
L78L18CZ
18 V
L78L18AC
L78L18ACD
L78L18ACZ
L78L18ACUTR
18 V
L78L18AB
L78L18ABD
L78L18ABZ
L78L18ABUTR
18 V
L78L20C
L78L20CD
L78L20CZ
20 V
L78L20AC
L78L20ACD
L78L20ACZ
L78L20ACUTR
20 V
L78L20AB
L78L20ABD
L78L20ABZ
L78L20ABUTR
20 V
L78L24C
L78L24CD
L78L24CZ
24 V
L78L24AC
L78L24ACD
L78L24ACZ
L78L24ACUTR
24 V
L78L24AB
L78L24ABD
L78L24ABZ
L78L24ABUTR
24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com