Electronic Components Datasheet Search
  English  ▼

X  

LAN9115 Datasheet(PDF) 5 Page - SMSC Corporation

Part # LAN9115
Description  HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9115 Datasheet(HTML) 5 Page - SMSC Corporation

  LAN9115 Datasheet HTML 1Page - SMSC Corporation LAN9115 Datasheet HTML 2Page - SMSC Corporation LAN9115 Datasheet HTML 3Page - SMSC Corporation LAN9115 Datasheet HTML 4Page - SMSC Corporation LAN9115 Datasheet HTML 5Page - SMSC Corporation LAN9115 Datasheet HTML 6Page - SMSC Corporation LAN9115 Datasheet HTML 7Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
SMSC LAN9115
5
Revision 0.1 (12-20-04)
PRODUCT PREVIEW
Figure 2 LAN9115 Internal Block Diagram
10/100
Ethernet
PHY
10/100
Ethernet
MAC
2kB to 14kB
Configurable TX FIFO
2kB to 14kB
Configurable RX FIFO
16-bit SRAM I/F
Interrupt
Controller
GP Timer
PIO Controller
IRQ
FIFO_SEL
3.3V to 1.8V
Regulator
PLL
25MHz
+3.3V
LAN
EEPROM
Controller
EEPROM
(Optional)
RX Status FIFO
TX Status FIFO
MIL - TX Elastic
Buffer - 2K bytes
MIL - RX Elastic
Buffer - 128 bytes
PME - Wakup Indicator
Host Bus Interface
(HBI)
Power Management
Optional
External PHY - MII Interface



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com