Electronic Components Datasheet Search
  English  ▼

X  

MM3Z2V4 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MM3Z2V4
Description  SMD Planar Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MM3Z2V4 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MM3Z2V4 Datasheet HTML 1Page - Diotec Semiconductor MM3Z2V4 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MM3Z2V4 ... MM3Z47
Characteristics
(Tj = 25°C unless otherwise specified)
Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Code
Zener voltage 1)
Zener-Spannung 1)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coefficient
of Z-voltage
…der Z-Spannung
Reverse voltage
Sperrspannung
VR at/bei IR
Z-current 2)
Z-Strom 2)
TA = 25°C
MM3Z...
Vzmin [V]
Vzmax [V]
IZ = 5 mA
IZ = 1 mA
αVZ [10-4/°C]
VR [V]
IR [µA]
IZmax [mA]
2V4
1C
2.2
2.6
< 85
< 600
-8...-5
1.0
120
115
2V7
1D
2.5
2.9
< 85
< 600
-8...-5
1.0
120
103
3V0
1E
2.8
3.2
< 85
< 600
-8...-5
1.0
50
94
3V3
1F
3.1
3.5
< 85
< 600
-8...-5
1.0
20
86
3V6
1H
3.4
3.8
< 85
< 600
-8...-5
1.0
10
79
3V9
1J
3.7
4.1
< 85
< 600
-8...-5
1.0
5
73
4V3
1K
4.0
4.6
< 80
< 600
-7...-4
1.0
5
65
4V7
1M
4.4
5.0
< 80
< 500
-5...-2
1.0
2
60
5V1
1N
4.8
5.4
< 60
< 480
-2...+2
1.5
2
56
5V6
1P
5.2
6.0
< 40
< 400
-1...+4
2.5
1
50
6V2
1R
5.8
6.6
< 10
< 150
+2...+5
3.0
1
45
6V8
1X
6.4
7.2
< 15
< 80
+3...+6
3.5
0.5
42
7V5
1Y
7.0
7.9
< 15
< 80
+3...+6
4.0
0.5
38
8V2
1Z
7.7
8.7
< 15
< 80
+4...+7
5.0
0.5
34
9V1
2A
8.5
9.6
< 15
< 100
+4...+7
6.0
0.5
31
10
2B
9.4
10.6
< 20
< 150
+5...+8
7.0
0.1
28
11
2C
10.4
11.6
< 20
< 150
+5...+8
8.0
0.1
26
12
2D
11.4
12.7
< 25
< 150
+5...+8
9.0
0.1
24
13
2E
12.4
14.1
< 30
< 170
+6...+9
10.0
0.1
21
15
2F
13.8
15.6
< 30
< 200
+6...+9
11.0
0.1
19
16
2H
15.3
17.1
< 40
< 200
+6...+9
12.0
0.1
18
18
2J
16.8
19.1
< 45
< 225
+6...+9
13.0
0.1
16
20
2K
18.8
21.2
< 55
< 225
+6...+9
15.0
0.1
14
22
2M
20.8
23.3
< 55
< 250
+7...+10
17.0
0.1
13
24
2N
22.8
25.6
< 70
< 250
+7...+10
19.0
0.1
12
IZ =
2 mA
2 mA
2 mA
0.5 mA
27
2P
25.1
28.9
< 80
< 300
+7...+10
21.0
0.1
10
30
2R
28
32
< 80
< 300
+7...+10
23.0
0.1
9
33
2X
31
35
< 80
< 325
+7...+10
25.0
0.1
9
36
2Y
34
38
< 90
< 350
+7...+10
27.0
0.1
8
39
2Z
37
41
< 130
< 350
+7...+10
30.0
0.1
7
43
3A
40
46
< 150
< 375
+7...+10
33.0
0.1
7
47
3B
44
50
< 170
< 375
+7...+10
36.0
0.1
6
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 5 ms – Gemessen mit Impulsen tp = 5 ms
2
Mounted on P.C. board with 1 cm2 copper pads at each terminal
Montage auf Leiterplatte mit 1 cm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com