Electronic Components Datasheet Search
  English  ▼

X  

MMBTA56 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMBTA56
Description  SMD General Purpose PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBTA56 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMBTA56 Datasheet HTML 1Page - Diotec Semiconductor MMBTA56 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBTA56
Characteristics
Kennwerte
Tj = 25°C
Min.
Typ.
Max.
Collector-Emitter saturation voltage – Kollektor-Emitter-Sättigungsspg. 1)
- IC = 100 mA, - IB = 10 mA
- VCEsat
–
–
0.25 V
Base-Emitter voltage – Basis-Emitter-Spannung 1)
- IC = 100 mA, - VCE = 1 V
- VBE
–
–
1.2 V
Collector-Base cutoff current – Kollektor-Basis-Reststrom
- VCB = 80 V E open
- ICBO
–
–
100 nA
Emitter-Base cutoff current – Emitter-Basis-Reststrom
- VEB = 4 V
C open
- IEBO
–
–
100 nA
Gain-Bandwidth Product – Transitfrequenz
- IC = 100 mA, - VCE = 1 V, f = 100 MHz
fT
50 MHz
–
–
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 420 K/W 2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Power dissipation versus ambient temperature )
2
Verlustleistung in Abh. von d. Umgebungstemp. )
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com