Electronic Components Datasheet Search
  English  ▼

X  

LM3500TL-16 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3500TL-16
Description  Synchronous Step-up DC/DC Converter for White LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3500TL-16 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3500TL-16 Datasheet HTML 9Page - National Semiconductor (TI) LM3500TL-16 Datasheet HTML 10Page - National Semiconductor (TI) LM3500TL-16 Datasheet HTML 11Page - National Semiconductor (TI) LM3500TL-16 Datasheet HTML 12Page - National Semiconductor (TI) LM3500TL-16 Datasheet HTML 13Page - National Semiconductor (TI) LM3500TL-16 Datasheet HTML 14Page - National Semiconductor (TI) LM3500TL-16 Datasheet HTML 15Page - National Semiconductor (TI) LM3500TL-16 Datasheet HTML 16Page - National Semiconductor (TI) LM3500TL-16 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Information
ADJUSTING LED CURRENT
The White LED current is set using the following equation:
The LED current can be controlled using a PWM signal on
the SHDN pin with frequencies in the range of 100Hz
(greater than visible frequency spectrum) to 1kHz. For con-
trolling LED currents down to the µA levels, it is best to use
a PWM signal frequency between 200-500Hz. The LM3500
LED current can be controlled with PWM signal frequencies
above 1kHz but the controllable current decreases with
higher frequency. The maximum LED current would be
achieved using the equation above with 100% duty cycle, ie.
the SHDN pin always high.
LED-DRIVE CAPABILITY
The maximum number of LEDs that can be driven by the
LM3500 is limited by the output voltage capability of the
LM3500. When using the LM3500 in the typical application
configuration, with LEDs stacked in series between the V
OUT
and FB pins, the maximum number of LEDs that can be
placed in series (N
MAX) is dependent on the maximum LED
forward voltage (V
F-MAX), the voltage of the LM3500 feed-
back pin (V
FB-MAX = 0.53V), and the minimum output over-
voltage protection level of the chosen LM3500 option
(LM3500-16: OVP
MIN = 15V; LM3500-21: OVPMIN = 20V).
For the circuit to function properly, the following inequality
must be met:
(N
MAX xVF-MAX) + 0.53V
≤ OVP
MIN
When inserting a value for maximim LED V
F, LED forward
voltage variation over the operating temperature range
should be considered. The table below provides maximum
LED voltage numbers for the LM3500-16 and LM3500-21 in
the typical application circuit configuration (with 3, 4, 5, 6, or
7 LEDs placed in series between the V
OUT and FB pins).
# of LEDs
(in series)
Maximum LED V
F
LM3500-16
LM3500-21
3
4.82V
6.49V
4
3.61V
4.86V
5
2.89V
3.89V
6
X
3.24V
7
X
2.78V
For the LM3500 to operate properly, the output voltage must
be kept above the input voltage during operation. For most
applications, this requires a minimum of 2 LEDs (total of 6V
or more) between the FB and V
OUT pins.
OUTPUT OVERVOLTAGE PROTECTION
The LM3500 contains dedicated circuitry for monitoring the
output voltage. In the event that the primary LED network is
disconnected from the LM3500-16, the output voltage will
increase and be limited to 15.5V (typ.). There is a 900mV
hysteresis associated with this circuitry which will cause the
output to fluctuate between 15.5V and 14.6V (typ.) if the
primary network is disconnected. In the event that the net-
work is reconnected regulation will begin at the appropriate
output voltage. The 15.5V limit allows the use of 16V 1µF
ceramic output capacitors creating an overall small solution
for white LED applications.
In the event that the primary LED network is disconnected
from the LM3500-21, the output voltage will increase and be
limited to 20.5V (typ.). There is a 1V hysteresis associated
with this circuitry which will cause the output to fluctuate
between 20.5V and 19.5V (typ.) if the primary network is
disconnected. In the event that the network is reconnected
regulation will begin at the appropriate output voltage. The
20.5V limit allows the use of 25V 1µF ceramic output capaci-
tors.
RELIABILITY AND THERMAL SHUTDOWN
The maximum continuous pin current for the 8 pin thin micro
SMD package is 535mA. When driving the device near its
power output limits the V
SW pin can see a higher DC current
than 535mA (see INDUCTOR SELECTION section for aver-
age switch current). To preserve the long term reliability of
the device the average switch current should not exceed
535mA.
The LM3500 has an internal thermal shutdown function to
protect the die from excessive temperatures. The thermal
shutdown trip point is typically 150˚C. There is a hysteresis
of typically 35˚C so the die temperature must decrease to
approximately 115˚C before the LM3500 will return to normal
operation.
INDUCTOR SELECTION
The inductor used with the LM3500 must have a saturation
current greater than the cycle by cycle peak inductor current
(see Typical Peak Inductor Currents table below). Choosing
inductors with low DCR decreases power losses and in-
creases efficiency.
The minimum inductor value required for the LM3500-16 can
be calculated using the following equation:
The minimum inductor value required for the LM3500-21 can
be calculated using the following equation:
For both equations above, L is in µH, V
IN is the input supply
of the chip in Volts, R
DSON is the ON resistance of the NMOS
power switch found in the Typical Performance Characteris-
tics section in ohms and D is the duty cycle of the switching
regulator. The above equation is only valid for D greater than
or equal to 0.5. For applications where the minimum duty
cycle is less than 0.5, a 22µH inductor is the typical recom-
mendation for use with most applications. Bench-level veri-
fication of circuit performance is required in these special
cases, however. The duty cycle, D, is given by the following
equation:
where V
OUT is the voltage at pin C1.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com