Electronic Components Datasheet Search
  English  ▼

X  

LM6317IN Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6317IN
Description  120 MHz, Fast Settling, Low Power, Voltage Feedback Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6317IN Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM6317IN Datasheet HTML 1Page - National Semiconductor (TI) LM6317IN Datasheet HTML 2Page - National Semiconductor (TI) LM6317IN Datasheet HTML 3Page - National Semiconductor (TI) LM6317IN Datasheet HTML 4Page - National Semiconductor (TI) LM6317IN Datasheet HTML 5Page - National Semiconductor (TI) LM6317IN Datasheet HTML 6Page - National Semiconductor (TI) LM6317IN Datasheet HTML 7Page - National Semiconductor (TI) LM6317IN Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Application Notes (Continued)
Termination
In high frequency applications reflections occur if signals
are not properly terminated To minimize reflection coaxial
cable with matching characteristic impedance to the signal
source should be used The other end of the cable should
be terminated with the same value terminator or resistor
For the commonly used cables RG59 has 75X characteris-
tics impedance and RG58 has 50X characteristics imped-
ance
Driving Capacitive Loads
Amplifiers driving capacitive loads can oscillate or have ring-
ing at the output To eliminate oscillation or reduce ringing
an isolation resistor can be placed as shown below in
Figure 4 The combination of the isolation resistor and the
load capacitor froms a pole to incease stability by adding
more phase margin to the overall system The desired per-
formance depends on the value of the isolation resistor the
bigger the isolation resistor the more damped the pulse
response becomes A 50X isolation resistor is recommend-
ed for initial evaluation
TLH12542 – 23
FIGURE 4 Driving Capacitive Load
Other High Speed and Video
Amplifiers
National Semiconductor has an extensive line of high speed
amplifiers with a range of operating voltage from 3V single
supply to g15V and a range of package types such as the
space saving SOT23-5 TinyPakTM (305mm c 300mm c
143mm - about the size of a grain of rice) and a wide SO-8
for better power dissipation
This op amp line includes -
LM6171
100 MHz low distortion amplifier with greater than
3000V ms slew rate
Voltage feedback design
draws only 25 mA Specified at g15V and g5V
supplies
LM7131
TinyPak (SOT23-5) video amplifier with 70 MHz
gain bandwidth Specified at 3V 5V and g5V sup-
plies
LM7171
200 MHz voltage feedback amplifier with 100 mA
output current and 4000V ms slew rate Supply
current of 65 mA Specified at g15V and g5V
supplies
Information on these parts is available from your National
Semiconductor representative
Physical Dimensions inches (millimeters) unless otherwise noted
8-Pin Small Outline
Order Number LM6317IM or LM6317IMX
NSC Package Number M08A
http
www nationalcom
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com