Electronic Components Datasheet Search
  English  ▼

X  

LM6317IMX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6317IMX
Description  120 MHz, Fast Settling, Low Power, Voltage Feedback Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6317IMX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6317IMX Datasheet HTML 1Page - National Semiconductor (TI) LM6317IMX Datasheet HTML 2Page - National Semiconductor (TI) LM6317IMX Datasheet HTML 3Page - National Semiconductor (TI) LM6317IMX Datasheet HTML 4Page - National Semiconductor (TI) LM6317IMX Datasheet HTML 5Page - National Semiconductor (TI) LM6317IMX Datasheet HTML 6Page - National Semiconductor (TI) LM6317IMX Datasheet HTML 7Page - National Semiconductor (TI) LM6317IMX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH12542
November 1995
LM6317
120 MHz Fast Settling Low Power
Voltage Feedback Amplifier
General Description
The LM6317 is a high speed unity-gain stable voltage feed-
back amplifier that consumes only 40 mW of quiescent pow-
er Operating at g5V power supply the LM6317 provides
excellent AC performance such as 120 MHz of unity-gain
bandwidth 1500V ms of slew rate and 80 dB of SFDR
The LM6317 has the slew characteristic of a current feed-
back amplifier yet it can be used in all traditional amplifier
configurations The high output current and good stability
with capacitive load of LM6317 makes it ideal for driving
cables With its unity-gain stability fast settling time and low
output impedance the LM6317 can be used to buffer AD
converters The LM6317 also has very low input voltage and
current noise high CMRR and PSRR desirable in precision
applications such as ATE systems
Features (Typical unless otherwise noted)
Y
Easy to use voltage feedback topology
Y
Unity-gain stability
Y
Wide unity-gain bandwidth
120 MHz
Y
Fast slew rate
1100V ms
Y
Fast settling time
01%
12 ns
001%
18 ns
Y
Low SFDR
1 MHz Driving 100X
80 dB
Y
High output current
60 mA
Y
High CMRR and PSRR
80 dB 74 dB
Y
Low supply current
4 mA
Y
Specified for g5V operation
Applications
Y
Active filters
Y
AD Converter buffers
Y
Video cable drivers
Y
Communication systems
Y
Portable systems
Y
Ultrasound equipment
Y
ATE systems
Typical Performance
Settling Time vs Gain
TLH12542 – 14
Connection Diagram
8-Pin DIPSO
TLH12542 – 2
Top View
Ordering Information
Package
Temperature Range
Transport
Media
Drawing
NSC
Industrial
b
40 Cto a85 C
8-Pin DIP
LM6317IN
Rails
N08E
8-Pin Small Outline
LM6317IM
Rails
M08A
LM6317IMX
25k Tape and Reel
TinyPakTM is a trademark of National Semiconductor Corp
C1996 National Semiconductor Corporation
RRD-B30M76Printed in U S A
http
www nationalcom


Similar Part No. - LM6317IMX

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM631 SEOUL-LM631 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM631 SEOUL-LM631 Datasheet
360Kb / 13P
CYAN LAMP LED
LM631 SEOUL-LM631 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM631 SEOUL-LM631 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM631 SEOUL-LM631 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM6317IMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7121 NSC-LM7121 Datasheet
666Kb / 19P
235 MHz Tiny Low Power Voltage Feedback Amplifier
logo
Analog Devices
HOS-060 AD-HOS-060 Datasheet
1,016Kb / 4P
Low Offset, Fast Settling Video Operational Amplifier
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
120 MHz Current Feedback Amplifier
logo
M.S. Kennedy Corporatio...
MSK612 MSK-MSK612 Datasheet
188Kb / 4P
FAST SETTLING HIGH VOLTAGE AMPLIFIER
logo
Elantec Semiconductor
EL2232 ELANTEC-EL2232 Datasheet
1Mb / 15P
60 MHz Fast Settling Dual Current Mode Feedback Amplifier
EL2232C ELANTEC-EL2232C Datasheet
1Mb / 15P
60 MHz Fast Settling Dual Current Mode Feedback Amplifier
logo
National Semiconductor ...
LM7121 NSC-LM7121_14 Datasheet
709Kb / 21P
LM7121 235 MHz Tiny Low Power Voltage Feedback Amplifier
logo
Texas Instruments
LM7121 TI1-LM7121 Datasheet
709Kb / 21P
235 MHz Tiny Low Power Voltage Feedback Amplifier
logo
Analog Devices
HOS-060 AD-HOS-060_15 Datasheet
1Mb / 4P
LOW OFFSET FAST SETTLING VIDEO OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM7121 TI1-LM7121_14 Datasheet
1Mb / 29P
LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com