Electronic Components Datasheet Search
  English  ▼

X  

LMX2315TM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2315TM
Description  1.2 GHz Frequency Synthesizer for RF Personal Communications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2315TM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX2315TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2315TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2315TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2315TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2315TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2315TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2315TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2315TM Datasheet HTML 12Page - National Semiconductor (TI) LMX2315TM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Functional Description
The simplified block diagram below shows the 19-bit data register the 14-bit R Counter and the S Latch and the 18-bit
N Counter (intermediate latches are not shown) The data stream is clocked (on the rising edge) into the DATA input MSB first
If the Control Bit (last bit input) is HIGH the DATA is transferred into the R Counter (programmable reference divider) and the
S Latch (prescaler select 6465 or 128129) If the Control Bit (LSB) is LOW the DATA is transferred into the N Counter
(programmable divider)
TLW11766 – 5
PROGRAMMABLE REFERENCE DIVIDER (R COUNTER) AND PRESCALER SELECT (S LATCH)
If the Control Bit (last bit shifted into the Data Register) is HIGH data is transferred from the 19-bit shift register into a 14-bit
latch (which sets the 14-bit R Counter) and the 1-bit S Latch (S15 which sets the prescaler 6465 or 128129) Serial data
format is shown below
TLW11766 – 6
14-BIT PROGRAMMABLE REFERENCE DIVIDER RATIO
(R COUNTER)
Divide
14
S
13
S
12
S
11
S
10
SS
9
S
8
S
7
S
6
S
5
S
4
S
3
S
2
S
1
Ratio
R
3
0
0000
0 0 0 000011
4
0
0000
0 0 0 000100




16383
1
1111
1 1 1 111111
Notes
Divide ratios less than 3 are prohibited
Divide ratio 3 to 16383
S1 to S14 These bits select the divide ratio of the programmable
reference divider
C Control bit (set to HIGH level to load R counter and S Latch)
Data is shifted in MSB first
1-BIT PRESCALER SELECT
(S LATCH)
Prescaler
15
S
Select
P
128129
0
6465
1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com