Electronic Components Datasheet Search
  English  ▼

X  

LT6551 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6551
Description  3.3V Triple and Quad Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6551 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6551 Datasheet HTML 3Page - Linear Technology LT6551 Datasheet HTML 4Page - Linear Technology LT6551 Datasheet HTML 5Page - Linear Technology LT6551 Datasheet HTML 6Page - Linear Technology LT6551 Datasheet HTML 7Page - Linear Technology LT6551 Datasheet HTML 8Page - Linear Technology LT6551 Datasheet HTML 9Page - Linear Technology LT6551 Datasheet HTML 10Page - Linear Technology LT6551 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT6550/LT6551
7
65501f
Frequency Response with
Capacitive Loads
Capacitive Load Handling,
Overshoot vs Capacitive Load
Slew Rate vs Temperature
Power Supply Rejection Ratio vs
Frequency
Output Impedance vs Frequency
Channel Separation vs Frequency
Gain Matching vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
Small Signal Response
FREQUENCY (Hz)
12
11
10
9
8
7
6
5
4
3
2
10k
100k
6550/51 G13
1M
100M 500M
10M
VS = 5V, 0V
VOUT = 2.5V DC
RL = 150Ω
CL = 150pF
CL = 10pF
CAPACITIVE LOAD (pF)
10
45
40
35
30
25
20
15
10
5
0
100
1000
6550/51 G14
TEMPERATURE (
°C)
–50
500
450
400
350
300
250
200
150
25
75
6550/51 G15
–25
0
50
100
125
FREQUENCY (Hz)
60
50
40
30
20
10
0
10k
1M
10M
1000M
6550/51 G16
100k
100M
FREQUENCY (Hz)
0
–0.2
–0.4
–0.6
–0.8
–1.0
10k
1M
10M
1000M
6550/51 G19
100k
100M
FREQUENCY (Hz)
10k
1M
10M
100M
6550/51 G17
100k
100
10
1
0.1
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
10k
1M
10M
1000M
6550/51 G18
100k
100M
FREQUENCY (Hz)
100k
–30
–40
–50
–60
–70
–80
–90
1M
10M
6550/51 G20
6550/51 G21
VS = 5V, 0V
RL = OPEN
RL = 150Ω
RL = 150Ω
5V, 0V, RISING
5V, 0V, FALLING
3.3V, 0V, RISING
3.3V, 0V, FALLING
+PSSR
VS = 5V, 0V
VOUT = 2.5V DC
RL = 150Ω
CL = 20pF
VS = 5V, 0V
VOUT = 2.5V DC
RL = 150Ω
VS = 5V, 0V
RL = 150Ω
ANY CHANNEL PAIR
VS = 5V, 0V
VOUT = 2.5V DC
VS = 3.3V, 0V
VOUT = 1.5V DC, ANY CHANNEL PAIR
VS = 3.3V, 0V
VO = 2VP-P (0.5V TO 2.5V)
RL = 150Ω
3RD
2ND
CL = 50pF
CL = 100pF
5V/3.3V TYPICAL PERFOR A CE CHARACTERISTICS
VEE (Pin 5) = 0V (LT6550), GND (Pin 5) = 0V (LT6551)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com