Electronic Components Datasheet Search
  English  ▼

X  

42CTQ030 Datasheet(PDF) 6 Page - International Rectifier

Part # 42CTQ030
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

42CTQ030 Datasheet(HTML) 6 Page - International Rectifier

  42CTQ030 Datasheet HTML 1Page - International Rectifier 42CTQ030 Datasheet HTML 2Page - International Rectifier 42CTQ030 Datasheet HTML 3Page - International Rectifier 42CTQ030 Datasheet HTML 4Page - International Rectifier 42CTQ030 Datasheet HTML 5Page - International Rectifier 42CTQ030 Datasheet HTML 6Page - International Rectifier 42CTQ030 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
42CTQ030, 42CTQ030S, 42CTQ030-1
6
PD-20543 rev. B 11/99
www.irf.com
TR R
FEE D DIR ECTION
TR L
FE E D DIRE CTIO N
10 .90 (0.429)
10 .70 (0.421)
16 .1 0 (0.6 34)
15 .9 0 (0.6 26)
1.75 (0.06 9)
1.25 (0.04 9)
1.85 (0 .0 7 3 )
1.65 (0 .0 6 5 )
4.10 (0.161)
3.90 (0.153)
1.60 (0.063)
1.50 (0.059)
DIA .
1.60 (0.063)
1.50 (0.059)
DIA.
11 .60 (0.457)
11 .40 (0.449)
15.42 (0.6 09)
15.22 (0.6 01)
4.72 (0.18 6)
4.52 (0.17 8)
24 .30 (0 .957)
23 .90 (0 .941)
0.368 (0.014 5)
0.342 (0.013 5)
360 (1 4.173)
DIA . MA X .
26.40 (1.0 39)
24.40 (0.9 61)
13.50 (0.5 32)
12.80 (0.5 04) DIA.
60 (2.36 2)
DIA . MIN .
SMD-220 Tape & Reel
W hen ordering, indic ate th e part
num ber, part orientation, and t he
quantity. Qu antitie s are in multiples
of 800 p iece s per reel fo r bo th
T R L and T R R .
10. 1 6 ( 0 .40)
RE F .
8. 89 ( 0 . 3 5 )
4. 57 ( 0 . 1 8 )
4. 32 (0 . 1 7 )
0. 61 (0 . 02) M A X .
5. 08 (0 . 20) R E F .
1. 32 ( 0 . 0 5 )
1. 22 (0 . 0 5 )
13
6. 47 ( 0 . 2 5 )
6. 18 ( 0 .24)
93°
RE F .
2.61 ( 0 .10)
2.32 ( 0 .09)
5. 2 8 (0 . 2 1)
4. 7 8 (0 . 1 9)
4. 6 9 (0 . 1 8)
4.20 ( 0 .16)
0. 55 ( 0 . 0 2 )
0. 46 ( 0 . 0 2 )
14. 7 3 (0 . 5 8)
15. 4 9 (0 . 6 1)
1. 4 0 (0 . 0 55 )
1. 1 4 (0 . 0 45 )
3X
0. 93 ( 0 . 3 7 )
0. 69 ( 0 . 27)
2X
1 1 . 43 ( 0 . 4 5)
17. 7 8 ( 0 . 70)
8. 89 ( 0 . 3 5 )
3.81 (0 . 15)
2.08 (0 . 0 8 )
2X
2. 54 ( 0 . 1 0)
2X
MINIMU M RE CO M M E NDE D FOO T P R IN T
2
Dimensionsinmillimetersand(inches)
Tape & Reel Information
Outline Table
Dimensions in millimeters and (inches)
Conform to JEDEC outline D2Pak (SMD-220)
2
BASE
COMM ON
CA TH ODE
12
3
AN OD E
COMM ON
CA TH ODE
AN OD E
12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com