Electronic Components Datasheet Search
  English  ▼

X  

LT6551CMS Datasheet(PDF) 16 Page - Linear Technology

Part # LT6551CMS
Description  3.3V Triple and Quad Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6551CMS Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6551CMS Datasheet HTML 8Page - Linear Technology LT6551CMS Datasheet HTML 9Page - Linear Technology LT6551CMS Datasheet HTML 10Page - Linear Technology LT6551CMS Datasheet HTML 11Page - Linear Technology LT6551CMS Datasheet HTML 12Page - Linear Technology LT6551CMS Datasheet HTML 13Page - Linear Technology LT6551CMS Datasheet HTML 14Page - Linear Technology LT6551CMS Datasheet HTML 15Page - Linear Technology LT6551CMS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT6550/LT6551
16
65501f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0303 2K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1259/LT1260
Dual/Triple 130MHz Current Feedback Amplifiers
Shutdown, Operates to
±15V
LT1395/LT1396/LT1397
Single, Dual, Quad 400MHz Current Feedback Amplifier
800V/
µs Slew Rate
LT1398/LT1399
Dual/Triple 300MHz Current Feedback Amplifier
0.1dB Gain Flatness to 150MHz, Shutdown
LT1675/LT1675-1
250MHz, Triple and Single RGB Multiplexer with
100MHz Pixel Switching, –3dB Bandwidth: 250MHz,
Current Feedback Amplifiers
1100V/
µs Slew Rate
LT1809/LT1810
Single/Dual, 180MHz, Rail-to-Rail Input and
350V/
µs Slew Rate, Shutdown,
Output Amplifiers
Low Distortion –90dBc at 5MHz
10MHz Reference Distribution Amplifier
450
Ω
450
Ω
450
Ω
450
Ω
450
Ω
450
Ω
1
2
3
10
9
8
7
50
Ω
1k
50
Ω
450
Ω
450
Ω
4
5
7
+
–
OA
+
–
+
–
OA
OA
+
–
OA
10nF
10nF
50
Ω
10nF
50
Ω
10nF
50
Ω
10nF
VCC = 3.3V
LT6551
10MHz LABORATORY
FREQUENCY REFERENCE
(4dBm MAX)
6550/51 TA04
4.53k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com