Electronic Components Datasheet Search
  English  ▼

X  

PE6232 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6232
Description  SMA Female Input Square Body Nickel Plated Brass
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6232 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6232 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6232 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6232 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6232 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Material Specifications
Description
Material
Plating
Connector 1 Contact
Beryllium Copper
Gold
Body
Brass
Gold
Housing
Brass
Nickel
.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
Typical Performance Data
-70
-60
-50
-40
-30
-20
-10
0
0.00
0.30
0.60
0.90
1.20
1.50
1.80
2.10
2.40
2.70
3.00
dB
GHz
Return Loss
Limit
PE6232
PE6232 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Watt RF Load Up to 3 GHz With SMA Female Input Square Body Nickel Plated Brass
PE6232
RF Terminations Technical Data Sheet
50 Watt RF Load Up to 3 GHz With SMA
Female Input Square Body Nickel Plated Brass



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com